Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2601M Datasheet(PDF) 7 Page - ON Semiconductor

Part # HCPL2601M
Description  8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL2601M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HCPL2601M Datasheet HTML 3Page - ON Semiconductor HCPL2601M Datasheet HTML 4Page - ON Semiconductor HCPL2601M Datasheet HTML 5Page - ON Semiconductor HCPL2601M Datasheet HTML 6Page - ON Semiconductor HCPL2601M Datasheet HTML 7Page - ON Semiconductor HCPL2601M Datasheet HTML 8Page - ON Semiconductor HCPL2601M Datasheet HTML 9Page - ON Semiconductor HCPL2601M Datasheet HTML 10Page - ON Semiconductor HCPL2601M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Single−Channel: 6N137M, HCPL2601M, HCPL2611M Dual−Channel: HCPL2630M,
HCPL2631M
www.onsemi.com
7
TYPICAL PERFORMANCE CURVES
(For Single−Channel Devices: 6N137M, HCPL2601M, and HCPL2611M)
0
0.9
−40
−20
0
20
40
60
−40
−20
0
20
40
60
80
100
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1.0
1.1
1.2
1.3
1.5
1.4
0.001
0.010
0.100
10
57
9
11
13
15
20
0
40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
60
80
100
120
−40
−20
0
204060
80
100
20
25
30
35
40
45
50
2
1
0
1
2
3
4
5
6
1.6
80
100
35
46
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
IF, FORWARD CURRENT (mA)
IF, FORWARD CURRENT (mA)
VF, FORWARD VOLTAGE (V)
1
IF = 5 mA
VE = 2 V
VCC = 5.5 V
IOL = 12.8 mA
IOL = 16 mA
IOL = 6.4 mA
IOL = 9.6 mA
VCC = 5 V
TA = 25°C
RL = 4 kW (tPHL)
RL = 1 kW (tPHL)
RL = 350 W (tPHL)
RL = 350 W (tPLH)
RL = 1 kW (tPLH)
RL = 4 kW (tPLH)
VCC = 5 V
VE = 2 V
VOL = 0.6 V
IF = 15 mA
IF = 10 mA
IF = 5 mA
VCC = 5 V
VE = 2 V
VOL = 0.6 V
RL = 350 W
RL = 1 kW
RL = 4 kW
RL = 350 W
RL = 1 kW
RL = 4 kW
Figure 2. Low Level Output Voltage vs.
Ambient Temperature
Figure 3. Input Diode Forward Voltage vs.
Forward Current
Figure 4. Switching Time vs. Forward Current
Figure 5. Low Level Output vs.
Ambient Temperature
Figure 6. Input Threshold Current vs.
Ambient Temperature
Figure 7. Output Voltage vs. Input Forward Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com