Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2601M Datasheet(PDF) 13 Page - ON Semiconductor

Part # HCPL2601M
Description  8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL2601M Datasheet(HTML) 13 Page - ON Semiconductor

Back Button HCPL2601M Datasheet HTML 9Page - ON Semiconductor HCPL2601M Datasheet HTML 10Page - ON Semiconductor HCPL2601M Datasheet HTML 11Page - ON Semiconductor HCPL2601M Datasheet HTML 12Page - ON Semiconductor HCPL2601M Datasheet HTML 13Page - ON Semiconductor HCPL2601M Datasheet HTML 14Page - ON Semiconductor HCPL2601M Datasheet HTML 15Page - ON Semiconductor HCPL2601M Datasheet HTML 16Page - ON Semiconductor HCPL2601M Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Single−Channel: 6N137M, HCPL2601M, HCPL2611M Dual−Channel: HCPL2630M,
HCPL2631M
www.onsemi.com
13
REFLOW PROFILE
Time (seconds)
Time 25°C to Peak
260
240
220
200
180
160
140
120
100
80
60
40
20
0
TL
ts
tL
tP
TP
Tsmax
Tsmin
120
Preheat Area
Max. Ramp−up Rate = 3°C/S
Max. Ramp−down Rate = 6°C/S
240
360
Profile Freature
Pb−Free Assembly Profile
Temperature Minimum (Tsmin)
150°C
Temperature Maximum (Tsmax)
200°C
Time (tS) from (Tsmin to Tsmax)
60 to 120 s
Ramp−up Rate (tL to tP)
3°C/second maximum
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 to 150 s
Peak Body Package Temperature
260°C +0°C / –5°C
Time (tP) within 5°C of 260°C
30 s
Ramp−down Rate (TP to TL)
6°C/s maximum
Time 25°C to Peak Temperature
8 minutes maximum
Figure 26. Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com