Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4BFCCJS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CYT4BFCCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFCCJS Datasheet(HTML) 3 Page - Infineon Technologies AG

  CYT4BFCCJS Datasheet HTML 1Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 2Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 3Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 4Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 5Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 6Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 7Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 8Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 217 page
background image
Datasheet
3 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features
• External memory interface
- One SPI (single, dual, quad, or octal) or HYPERBUS™ interface
- On-the-fly encryption and decryption
- Execute-In-Place (XIP) from external memory
• SDHC interface
- One Secure Digital High Capacity (SDHC) interface supporting embedded MultiMediaCard (eMMC), Secure
Digital (SD), or SDIO (Secure Digital Input Output)
• Compliant to eMMC 5.1, SD 6.0, and SDIO 4.10 specifications
- Data rates up to SD High Speed 50 MHz, or eMMC 52 MHz DDR
• Audio interface
- Three Inter-IC Sound (I2S) Interfaces for connecting digital audio devices
-I2S, left justified, or time division multiplexed (TDM) audio formats
- Independent transmit or receive operation, each in master or slave mode
• Timers
- Up to 102 16-bit and 16 32-bit timer/counter pulse-width modulator (TCPWM) blocks
• Up to 15 16-bit counters for motor control
• Up to 87 16-bit counters and 16 32-bit counters for regular operations
• Supports timer, capture, quadrature decoding, pulse-width modulation (PWM), PWM with dead time
(PWM_DT), pseudo-random PWM (PWM_PR), and shift-register (SR) modes
- Up to 16 Event Generation (EVTGEN) timers supporting cyclic wakeup from DeepSleep
• Events trigger a specific device operation (such as execution of an interrupt handler, a SAR ADC conversion,
and so on)
• Real time clock (RTC)
- Year/Month/Date, Day-of-week, Hour:Minute:Second fields
- 12- and 24-hour formats
-Automatic leap-year correction
• I/O
- Up to 240 programmable I/Os
- Three I/O types
• GPIO Standard (GPIO_STD)
• GPIO Enhanced (GPIO_ENH)
• High-Speed I/O Standard (HSIO_STD)
• Regulators
- Generates a 1.1-V nominal core supply from a 2.7-V to 5.5-V input supply
- Three regulators:
• DeepSleep
•Core internal
•Core external
• Programmable analog
- Three SAR A/D converters with up to 99 external channels (96 I/Os + 3 I/Os for motor control)
• Each ADC supports 32 logical channels, with 32 + 1 physical connections. Any external channel can be
connected to any logical channel in the respective SAR.
- Each ADC supports 12-bit resolution and sampling rates of up to 1 Msps
- Each ADC also supports six internal analog inputs like
• Bandgap reference to establish absolute voltage levels
• Calibrated diode for junction temperature calculations
• Two AMUXBUS inputs and two direct connections to monitor supply levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com