Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4BFCCJS Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # CYT4BFCCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFCCJS Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button CYT4BFCCJS Datasheet HTML 40Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 41Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 42Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 43Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 44Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 45Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 46Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 47Page - Infineon Technologies AG CYT4BFCCJS Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 217 page
background image
12
Power pin assignments
Table 12-1
Power pin assignments
Pin Name
Package
Remarks
320-BGA
272-BGA
176-TEQFP
VDDD
F8, F9, H15, J15, K15, L15, M15, N15, R12,
R13
F8, H13, J13, K13, L13, N11
176, 153, 132, 110, 43, 22
Main digital supply
VSSD
A1, A20, C3, C10, C18, H9, H10, H11, H12,
H13, J9, J10, J11, J12, J13, J18, K9, K10,
K11, K12, K13, K18, L9, L10, L11, L12, L13,
M9, M10, M11, M12, M13, N12, V3, V4, V15,
Y1, Y20
A1, A18, D9, G7, G12, H9, H10, H11, J9,
J10, J11, J15, K9, K10, K11, M7, M12,
R5, R14, V1, V18
155, 154, 133, 114, 89, 45, 23,
1
Main digital ground
VSSD_1
N13
L11
NA
Digital Ground
VSSD_2
L20, P20
L18, P18
NA
Noise guard for ECO inputs
VDDIO_1
F10, F11, F12, F13
F9, F10, F11
44
I/O supply (except analog I/Os on VDDA)
VDDIO_2
R8
N8
88
I/O supply (except analog I/Os on VDDA)
VDDIO_3
H6, J6, K6, L6
H6, J6
NA
I/O supply for high speed domain#0 (HSIO_STD), P24, P25
VDDIO_4
R9, R10, R11
N9, N10
NA
I/O supply for high speed domain#1 (HSIO_STD), P26, P27, P33, P34
VSSIO_3
H8, J8, K8, L8
H8, J8
NA
HSIO ground
VSSIO_4
N9, N10, N11
L9, L10
NA
HSIO ground
VCCD[24]
F6, F15, R6, R15
F6, F13, N6, N13
46, 47, 111, 112, 113, 156
Main regulated supply. Driven by LDO regulator (either internal LDO or external
LDO/PMIC)
VREFH
M6
K6
79
High reference voltage for SAR ADCs
VREFL
M8
K8
76
Low reference voltage for SAR ADCs
VDDA
N6
L6
78
Main analog supply for SAR ADCs
VSSA
N8
L8
77
Main analog ground
XRES_L
K20
K18
152
Active LOW external reset input
DRV_VOUT
J20
J18
160
Dedicated external supply control pin
Note
24.The VCCD pins must be connected together to ensure a low-impedance connection. (see the requirement in Figure 26-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com