Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5816C Datasheet(PDF) 18 Page - Microchip Technology

Part # USB5816C
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5816C Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB5816C Datasheet HTML 14Page - Microchip Technology USB5816C Datasheet HTML 15Page - Microchip Technology USB5816C Datasheet HTML 16Page - Microchip Technology USB5816C Datasheet HTML 17Page - Microchip Technology USB5816C Datasheet HTML 18Page - Microchip Technology USB5816C Datasheet HTML 19Page - Microchip Technology USB5816C Datasheet HTML 20Page - Microchip Technology USB5816C Datasheet HTML 21Page - Microchip Technology USB5816C Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
USB5816C
DS00003186C-page 18
2022 Microchip Technology Inc. and its subsidiaries
USB Type-C
Control Mode
Selection
ALT_MUX_EN
I
(PD)
USB Type-C control mode selection.
If this pin is low, the hub operates in “Type-C Control
Mode 1”. In “Type-C Control Mode 1”, the
C_AT-
TACH[0:2] and AB1 pin functions are used.
If this pin is high, the hub operates in “Type-C Control
Mode 2”. In “Type-C Control Mode 2”, the
ATTACH_MUX1A and ATTACH_MUX1B pin functions
are used.
This pin has an internal pull-down enabled. If the desired
mode is “Type-C Control Mode 1”, then this pin may be
left unconnected.
TABLE 3-7:
MISCELLANEOUS PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
SMBus/I2C
Clock
SMBCLK
I/O12
SMBus/I2C Clock
The SMBus/I2C interface acts as SMBus slave or I2C
bridge dependent on the device configuration.
For information on how to configure this interface refer to
Section 3.5.1, CFG_STRAP Configuration.
SMBus/I2C Data
SMBDATA
I/O12
SMBus/I2C Data
The SMBus/I2C interface acts as SMBus slave or I2C
bridge dependent on the device configuration.
For information on how to configure this interface refer to
Section 3.5.1, CFG_STRAP Configuration.
USB Host
Port 1-0
Speed Indicator
HOST_TYPE_[1:0]
O12
USB Host Port Speed Indicator
Tri-state: Not connected
0: USB 3.2 Gen 1
1: USB 2.0 / USB 1.1
General
Purpose I/O
GPIO[1:9],
GPIO12,
GPIO[17:23],
GPIO[64:71]
I/O12
(PU/
PD)
General Purpose Inputs/Outputs
Refer to Section 3.5.5, General Purpose input/Output
Configuration (GPIOx) for details.
USB 2.0
Suspend State
Indicator
SUSP_IND
O12
USB 2.0 Suspend State Indicator
SUSP_IND can be used as a sideband remote wakeup
signal for the host when in USB 2.0 suspend.
TABLE 3-6:
USB TYPE-C CONNECTOR CONTROLS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com