Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5816C Datasheet(PDF) 31 Page - Microchip Technology

Part # USB5816C
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5816C Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB5816C Datasheet HTML 27Page - Microchip Technology USB5816C Datasheet HTML 28Page - Microchip Technology USB5816C Datasheet HTML 29Page - Microchip Technology USB5816C Datasheet HTML 30Page - Microchip Technology USB5816C Datasheet HTML 31Page - Microchip Technology USB5816C Datasheet HTML 32Page - Microchip Technology USB5816C Datasheet HTML 33Page - Microchip Technology USB5816C Datasheet HTML 34Page - Microchip Technology USB5816C Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003186C-page 31
USB5816C
8.1.2
INTERNAL USB3.1 GEN 1 MULTIPLEXER, “TYPE-C CONTROL MODE 1”
“Type-C Control Mode 1” is enabled by setting the
ALT_MUX_EN signal low or leaving it floating. While in “Type-C Con-
trol Mode 1”, the
C_ATTACH1 and AB1 pins are used together to signal to the hub when a valid USB Type-C connection
has been detected and in what orientation the connection has been detected. This functionality requires an external
USB Type-C controller such as a Microchip UTC2000 to monitor the USB Type-C receptacle for a valid attach. These
signal are used to enable/disable the USB 3.1 Gen 1 PHYs appropriately according to the detected Type-C attach and
orientation. Unused USB 3.1 Gen 1 PHYs are disabled to conserve power.
The polarity of the
C_ATTACH1 pins and AB1 are controlled by the CC_POL pin. See Table 3-6 for details.
A diagram of a USB Type-C Downstream Facing Port with the USB5816C, Microchip UTC2000, and internal multiplexer
operating in “Type-C Control Mode 1” is shown in Figure 8-3.
FIGURE 8-2:
UFP TYPE-C PORT WITH MICROCHIP UTC2000 & EXTERNAL MUX
UTC2000
UFP Mode
USB Type-C
External Mux
Upstream Port
VBUS
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
CC1
CC2
CC1
CC2
CONNECTED#
MUX
VBUS_DET
SSTX+
SSTX-
SSRX+
SSRX-
D+
D-
C_ATTACH0
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
SSTX+
SSTX-
SSRX+
SSRX-
USB Type-C
3.3V
PLUG_
ORIENTATION#
A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com