Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3240521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240521
Description  Blind rivet - RVT-AL/ST 4,8/12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240521 Datasheet HTML 1Page - PHOENIX CONTACT 3240521 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/3240521
09/12/2020   Page 1 / 2
Blind rivet - RVT-AL/ST 4,8/12 - 3240521
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Blind rivets, Ø 4.8 mm, 12 mm sleeve length, aluminum sleeve, zinc-plated steel pin, flat head, standard
version similar to DIN 7337 A
Your advantages
 Special rivets are available for fixing RW... and UW... high-current panel feed-through terminal blocks that are specifically designed for terminal
blocks
 Compact, ergonomically shaped pliers
 3 inserts for rivet diameter of 2.4 - 3.2 mm, 4 mm, and 4.8 - 5.0 mm
Key Commercial Data
Packing unit
500 pc
GTIN
GTIN
4046356527521
Technical data
Dimensions
Length (b)
12 mm
Hole diameter
4.9 mm
Diameter
4.8 mm
Max. material thickness
8 mm
Material thickness (g)
6 mm
General
Color
silver
Material
Aluminum (AlMg 3/3.5)/galvanized steel


Similar Part No. - 3240521

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
324052 MACOM-324052 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
PHOENIX CONTACT
3240529 PHOENIX-3240529 Datasheet
51Kb / 3P
Connector - C-SCFMI 1,5/6,3X0,8
More results

Similar Description - 3240521

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3445-68 ALCOA-99-3445-68 Datasheet
215Kb / 2P
Nail Type Blind Rivet
99-3423-56 ALCOA-99-3423-56 Datasheet
222Kb / 2P
Nail Type Blind Rivet
99-3318 ALCOA-99-3318 Datasheet
163Kb / 2P
Blind Rivet
99-3316-68 ALCOA-99-3316-68 Datasheet
130Kb / 2P
Blind Rivet
99-3312F ALCOA-99-3312F Datasheet
126Kb / 2P
Blind Rivet, STD. Lgth.
99-3307 ALCOA-99-3307 Datasheet
157Kb / 2P
Blind Rivet
99-3301 ALCOA-99-3301 Datasheet
122Kb / 2P
Blind Rivet
99-3300 ALCOA-99-3300 Datasheet
123Kb / 2P
Blind Rivet
logo
PHOENIX CONTACT
3240513 PHOENIX-3240513 Datasheet
69Kb / 2P
RVT-AL/ST 4/6
May 9, 2011
3240512 PHOENIX-3240512 Datasheet
52Kb / 2P
Blind rivet - RVT-AL/ST 3,2/12
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com