Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8250ACVRBUSX Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8250ACVRBUSX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVRBUSX Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8250ACVRBUSX Datasheet HTML 9Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 10Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 11Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 12Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 13Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 14Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 15Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 16Page - NXP Semiconductors MPC8250ACVRBUSX Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Note that although the specifications generally reference the rising edge of the clock, the following AC
timing diagrams also apply when the falling edge is the active edge.
Figure 3 shows the FCC external clock.
Figure 3. FCC External Clock Diagram
sp20
sp21
TDM inputs/SI
15
12
12
10
sp18a
sp19a
SCC/SMC/SPI/I2C inputs—internal clock (NMSI)
20
16
0
0
sp18b
sp19b
SCC/SMC/SPI/I2C inputs—external clock (NMSI)
5
4
5
4
sp22
sp23
PIO/TIMER/IDMA inputs
10
8
3
3
1
Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Table 8. AC Characteristics for CPM Inputs 1
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
Serial ClKin
FCC input signals
FCC output signals
FCC output signals
Note: When GFMR[TCI] = 1
Note: When GFMR[TCI] = 0
sp16b
sp17b
sp36b/sp37b
sp36b/sp37b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com