| Electronic Components Datasheet Search |
|
USB7002-I/KDX Datasheet(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7002-I/KDX Datasheet(HTML) 20 Page - Microchip Technology |
|
20 / 56 page ![]() USB7002 DS00002670G-page 20 2022 Microchip Technology Inc. and its subsidiaries 3.4 Physical and Logical Port Mapping The USB70xx family of devices are based upon a common architecture, but all have different modifications and/or pin bond outs to achieve the various device configurations. The base chip is composed of a total of 6 USB3 PHYs and 7 USB2 PHYs. These PHYs are physically arranged on the chip in a certain way, which is referred to as the PHYSICAL port mapping. The actual port numbering is remapped by default in different ways on each device in the family. This changes the way that the ports are numbered from the USB host’s perspective. This is referred to as LOGICAL mapping. The various configuration options available for these devices may, at times, be with respect to PHYSICAL mapping or LOGICAL mapping. Each individual configuration option which has a PHYSICAL or LOGICAL dependency is declared as such within the register description. The PHYSICAL vs. LOGICAL mapping is described for all port related pins in Table 3-7. A system design in schematics and layout is generally performed using the pinout in Section 3.1, Pin Assignments, which is assigned by the default LOGICAL mapping. Hence, it may be necessary to cross reference the PHYSICAL vs. LOGICAL look up tables when determining the hub configuration. Note: The MPLAB Connect tool makes configuration simple; the settings can be selected by the user with respect to the LOGICAL port numbering. The tool handles the necessary linking to the PHYSICAL port settings. Refer to Section 6.0, Device Configuration for additional information. TABLE 3-7: USB7002 PHYSICAL VS. LOGICAL PORT MAPPING Device Pin Pin Name LOGICAL PORT NUMBER PHYSICAL PORT NUMBER 0123450123456 5 USB2DN_DP1 X X 6 USB2DN_DM1 X X 7 USB3DN_TXDP1A X X 8 USB3DN_TXDM1A X X 10 USB3DN_RXDP1A X X 11 USB3DN_RXDM1A X X 14 USB2DN_DP3 X X 15 USB2DN_DM3 X X 16 USB3DN_TXDP1B X X 17 USB3DN_TXDM1B X X 19 USB3DN_RXDP1B X X 20 USB3DN_RXDM1B X X 29 USB2DN_DP2 X X 30 USB2DN_DM2 X X 31 USB3DN_TXDP2A X X 32 USB3DN_TXDM2A X X 34 USB3DN_RXDP2A X X 35 USB3DN_RXDM2A X X 37 USB2DN_DP4 X X 38 USB2DN_DM4 X X 39 USB3DN_TXDP2B X X 40 USB3DN_TXDM2B X X 42 USB3DN_RXDP2B X X 43 USB3DN_RXDM2B X X 81 USB3UP_TXDPB X X 82 USB3UP_TXDMB X X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |