Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002-I/KDX Datasheet(PDF) 8 Page - Microchip Technology

Part # USB7002-I/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002-I/KDX Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB7002-I/KDX Datasheet HTML 4Page - Microchip Technology USB7002-I/KDX Datasheet HTML 5Page - Microchip Technology USB7002-I/KDX Datasheet HTML 6Page - Microchip Technology USB7002-I/KDX Datasheet HTML 7Page - Microchip Technology USB7002-I/KDX Datasheet HTML 8Page - Microchip Technology USB7002-I/KDX Datasheet HTML 9Page - Microchip Technology USB7002-I/KDX Datasheet HTML 10Page - Microchip Technology USB7002-I/KDX Datasheet HTML 11Page - Microchip Technology USB7002-I/KDX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
USB7002
DS00002670G-page 8
 2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS AND CONFIGURATION
The pin assignments for the USB7002 are detailed in Section 3.1, Pin Assignments. Pin descriptions are provided in
Section 3.2, Pin Descriptions.
3.1
Pin Assignments
The device pin diagram for the USB7002 can be seen in Figure 3-1. Table 3-1 provides a USB7002 pin assignments
table. Pin descriptions are provided in Section 3.2, Pin Descriptions.
FIGURE 3-1:
USB7002 100-VQFN PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Thermal slug connects to VSS
16
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7
75
74
73
72
71
70
68
67
66
65
69
64
63
62
61
60
RESET_N
DP1_VBUS_MON
PF31
DP1_CC1
USB3DN_RXDM1A
USB3DN_RXDP1A
VDD12
USB3DN_TXDM1A
USB3DN_TXDP1A
USB2DN_DM1/PRT_DIS_M1
PF17
PF25
PF22/CFG_BC_EN
PF21
VDD33
PF23
PF19
PF26
TEST3
PF20/CFG_NON_REM
TEST1
25
24
23
22
21
20
19
18
17
59
58
57
56
55
54
53
52
51
PF10
PF13
VDD33
TEST2
PF24
PF18
PF15
PF30/VBUS_DET
USB3DN_RXDM1B
PF16
USB2DN_DP1/PRT_DIS_P1
USB3DN_RXDP1B
VDD12
USB3DN_TXDM1B
USB3DN_TXDP1B
USB2DN_DM3/PRT_DIS_M3
USB2DN_DP3/PRT_DIS_P3
DP1_CC2
CFG_STRAP1
CFG_STRAP2
CFG_STRAP3
TESTEN
VDD12
VDD33
VDD12
PF12
PF29
PF11
PF14
Microchip
USB7002
(Top View 100-VQFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com