Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T856 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T856
Description  Moderate Power High fT NPN Silicon Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T856 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T856 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 8Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 9Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Moderate Power High fT NPN Silicon Transistor
MP4T856 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T856 Series
Electrical Specifications @ +25
°C
MP4T85600
MP4T85633
MP4T85635
MP4T85639
Symbol
Parameters
Test Conditions
Units
Chips
SOT-23
Micro-X
SOT-143
fT
Gain Bandwidth
Product
VCE=8V, IC=30mA
GHz
7.0 typ.
7.0 typ.
7.0 typ.
7.0 typ.
|S21E|2
Insertion Power Gain
VCE=8V, IC=20MA, f=1GHz
dB
13.5 min.
12 min.
13.0 min.
12 min.
NF
Noise Figure
VCE=8V, IC=10mA, f=1GHz
dB
1.6 max.
1.7 max.
1.6 max.
1.7 max.
GA
Associated Gain
VCE=8V, IC=10mA, f=1GHz
dB
16 typ.
15 typ.
16 typ.
15 typ.
P1dB
Output Power at 1 dB
Compression
VCE=8V, IC=40mA, f=1GHz,
f=2GHz
dBm
16 typ.
10 typ.
13 typ.
10 typ.
16 typ.
10 typ.
13 typ.
10 typ.
RTH(J-A)
Thermal Resistance
Junction/Ambient (Free Air)
°C/W
-
600 max.
550 max
600 max.
RTH(J-C)
Thermal Resistance
Junction/Case
°C/W
60 max.
1
200 typ.
200 typ.
200 typ.
1 See power derating curves.
Electrical Specifications @ +25
°C
Symbol
Parameters
Test Conditions
Units
Min.
Typ.
Max.
ICBO
Collector Cut-off Current
VCB = 8V, IE = 0
µA
-
-
1.0
IEBO
Emitter Cut-off Current
VEB = 1V, IC = 0
µA
-
-
1
hFE
Forward Current Gain
VCE = 8V, IC = 20mA
-
20
100
250
COB
Collector-Base Junction Capacitance
VCB = 8 V, f = 1 MHz
pF
-
0.62
0.75
MP4T85635
Typical Scattering Parameters in the MIcro-X Package
VCE = 8 Volts, IC = 10 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
200
0.581
-97.9
16.95
117.1
0.033
44.9
0.685
-46.4
400
0.516
-151.1
10.72
83.5
0.045
27.8
0.481
-65.0
600
0.496
177.1
7.59
60.3
0.054
17.9
0.396
-79.0
800
0.487
153.4
5.84
40.7
0.064
8.6
0.355
-91.6
1000
0.483
133.2
4.74
22.7
0.074
1.0
0.334
-105.0
1200
0.481
114.9
3.99
5.6
0.085
11.4
0.324
-118.0
1400
0.479
97.7
3.46
-11.0
0.097
22.2
0.317
-132.0
1600
0.478
81.2
3.06
-27.3
0.109
33.6
0.311
-147.0
1800
0.478
65.1
2.74
-43.4
0.121
45.4
0.311
-162.0
2000
0.476
49.4
2.49
-59.3
0.133
57.3
0.315
-177.0
2200
0.475
33.9
2.29
-75.0
0.145
69.5
0.314
168.4
2400
0.475
18.4
2.12
-90.6
0.158
82.0
0.311
152.6
2600
0.474
3.9
1.98
-106.1
0.170
94.7
0.317
136.0
2800
0.473
-12.2
1.86
-121.5
0.183
107.3
0.324
121.0
3000
0.472
-27.4
1.76
-136.7
0.197
120.1
0.323
107.0
4000
0.472
-103.3
1.39
148.1
0.267
174.4
0.336
28.5
5000
0.476
-176.5
1.17
74.8
0.340
107.1
0.367
-49.0
6000
0.484
104.4
1.03
3.1
0.415
38.2
0.375
-126.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com