Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T856 Datasheet(PDF) 4 Page - M-pulse Microwave Inc.

Part # MP4T856
Description  Moderate Power High fT NPN Silicon Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T856 Datasheet(HTML) 4 Page - M-pulse Microwave Inc.

  MP4T856 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 8Page - M-pulse Microwave Inc. MP4T856 Datasheet HTML 9Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Moderate Power High fT NPN Silicon Transistor
MP4T856 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
4
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T85639
Typical Scattering Parameters in the SOT-143 Package
VCE = 3 Volts, IC = 20 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
200
0.471
-118.4
19.14
115.5
0.034
56.7
0.492
-54.8
400
0.457
-152.6
10.70
97.7
0.048
57.2
0.297
-66.2
600
0.458
-168.7
7.33
88.2
0.064
60.7
0.219
-71.4
800
0.461
-178.9
5.57
81.4
0.079
61.1
0.183
-75.3
1000
0.466
173.0
4.48
75.7
0.095
62.3
0.168
-80.1
1200
0.471
166.0
3.76
70.3
0.110
60.7
0.158
-85.0
1400
0.476
160.2
3.24
65.5
0.128
60.1
0.156
-89.3
1600
0.480
155.0
2.86
61.1
0.144
59.0
0.154
-94.0
1800
0.485
150.1
2.56
56.7
0.158
56.9
0.157
-98.3
2000
0.491
144.8
2.32
52.3
0.172
56.3
0.157
-101.4
2200
0.488
141.5
2.12
48.8
0.190
55.7
0.167
-104.8
2400
0.496
137.1
1.97
44.7
0.207
53.2
0.172
-108.7
2600
0.499
132.9
1.83
40.8
0.220
50.6
0.180
-111.6
2800
0.510
129.4
1.71
37.3
0.233
48.8
0.183
-115.9
3000
0.513
125.8
1.62
34.0
0.249
46.8
0.184
-118.5
MP4T85639
Typical Scattering Parameters in the SOT-143 Package
VCE = 3 Volts, IC = 40 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
200
0.447
-140.1
20.11
108.5
0.028
59.4
0.376
-60.8
400
0.460
-165.5
10.77
93.6
0.043
65.0
0.221
-69.4
600
0.467
-177.5
7.30
85.3
0.062
67.1
0.166
-74.5
800
0.473
174.3
5.53
79.2
0.079
66.6
0.141
-78.2
1000
0.478
167.7
4.44
73.9
0.096
66.4
0.130
-84.2
1200
0.484
161.8
3.72
68.8
0.112
64.5
0.127
-89.1
1400
0.490
156.6
3.21
64.1
0.128
63.7
0.127
-93.9
1600
0.492
151.9
2.83
59.8
0.148
61.9
0.128
-98.7
1800
0.499
147.4
2.53
55.6
0.163
59.3
0.134
-103.4
2000
0.504
142.4
2.30
51.3
0.177
57.6
0.138
-106.8
2200
0.501
139.3
2.10
47.9
0.195
57.0
0.151
-109.4
2400
0.509
135.3
1.94
43.8
0.210
54.7
0.151
-113.5
2600
0.511
131.0
1.81
39.9
0.225
51.5
0.160
-115.6
2800
0.521
127.3
1.70
36.4
0.238
49.9
0.164
-119.3
3000
0.527
124.2
1.60
33.1
0.255
47.5
0.170
-123.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com