Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T3243 Datasheet(PDF) 1 Page - M-pulse Microwave Inc.

Part # MP4T3243
Description  Bipolar High fT Low Voltage NPN Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T3243 Datasheet(HTML) 1 Page - M-pulse Microwave Inc.

  MP4T3243 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specification Subject to Change Without Notice
M-Pulse
Microwave____________________________________________________________________________________
1
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Bipolar High fT Low Voltage
NPN Silicon Transistors
MP4T3243 Series
V4.00
Features
• Designed for 3-5 Volt Operation
• Useable to 6 GHz in Oscillators
• Useable for Low Noise, Low Voltage Driver Amplifiers
Through 3 GHz
• Useful for Class C Amplifiers
• Available as Chips and in Hermetic and Surface
Mount Packages
• Can be Screened to JANTX, JANTXV Equivalent Levels
(ceramic pacakges)
• Tape and Reel Packaging Available for packaged
devices.
Description
The MP4T3243 series of high fT low voltage NPN medium
power silicon bipolar transistors is designed for usage in
battery operated systems with 3-5 volt collector bias. They
are useful as low phase noise oscillator transistors through 6
GHz and as moderate power driver amplifiers through 3
GHz.
These transistors are available as chips for hybrid oscillators
or in ceramic packages for military or commercial usage.
Both the chips and hermetic packages can be screened to
JANTX equivalent levels.
These transistors use high temperature gold, platinum,
titanium metalization with silicon dioxide and silicon nitride
passivation. The chip is emitter ballasted with polysilicon
resistors to prevent current concentration at high current
operation.
Case Style
SOT-23
Chip
Micro-X


Similar Part No. - MP4T3243

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T24300 MPLUSE-MP4T24300 Datasheet
88Kb / 7P
Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T24335 MPLUSE-MP4T24335 Datasheet
88Kb / 7P
Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T3243

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
Low OperatingVoltage, High fT Bipolar Microwave Transistors
logo
AVAGO TECHNOLOGIES LIMI...
AT-30511 AVAGO-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
logo
Unisonic Technologies
3003BS UTC-3003BS_15 Datasheet
150Kb / 3P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13002AH UTC-13002AH_15 Datasheet
152Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BDG UTC-13003BDG_15 Datasheet
144Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BS UTC-13003BS_15 Datasheet
162Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003DF UTC-13003DF_15 Datasheet
148Kb / 3P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003DH UTC-13003DH_15 Datasheet
159Kb / 4P
NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com