Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4T3243 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4T3243
Description  Bipolar High fT Low Voltage NPN Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T3243 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4T3243 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bipolar High fT Low Voltage NPN Silicon Transistors
V4.00
Specification Subject to Change Without Notice
M-Pulse
Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T3243 Series
Electrical Specifications @ +25
°C
MP4T3243 Series
Parameter
Condition
Symbol
Min
Typical
Max
Units
Collector Cut-off Current
VCB = 4 volts
ICBO
10
µA
IE = 0
µA
Emitter Cut-off Current
VEB = 1 volt
IEBO
1
µA
IC = 0
µA
Forward Current Gain
VCE = 3 volts
hFE
20
125
250
IC = 20 mA
Collector Base
VCB = 3 volts
COB
0.8
1.0
pF
Junction Capacitance
IE = 0
µA
f = 1 MHz
Typical Scattering Parameters in the MIcro-X Package
MP4T324335
VCE = 3 Volts, IC = 10 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.647
172
2.480
73.2
0.137
51.4
0.311
-165.8
2000
0.666
149
1.408
51.2
0.225
49.0
0.365
172.5
3000
0.694
128
1.135
34.1
0.336
43.8
0.366
156.0
4000
0.714
109
1.005
17.3
0.427
32.1
0.412
142.1
5000
0.748
90
0.948
4.0
0.507
22.8
0.453
127.2
6000
0.772
70
0.930
-9.1
0.605
11.8
0.499
111.9
MP4T324335
VCE = 3 Volts, IC = 20 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
1000
0.661
168
2.632
73.3
0.137
60.8
0.373
178.5
2000
0.677
146
1.493
53.1
0.238
53.0
0.421
161.3
3000
0.697
125
1.210
36.5
0.359
44.8
0.415
144.6
4000
0.715
107
1.067
19.3
0.451
31.0
0.450
130.3
5000
0.744
89
1.007
5.4
0.525
20.7
0.480
115.5
6000
0.762
69
0.990
-8.5
0.619
9.1
0.510
101.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com