Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90EPS..L-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-90EPS..L-M3
Description  High Voltage, Input Rectifier Diode, 90 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-90EPS..L-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-90EPS..L-M3 Datasheet HTML 1Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 2Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 3Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 4Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 5Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 6Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 7Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-90EPS..L-M3, VS-90APS..L-M3
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-2018
5
Document Number: 93396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-90EPS08L-M3
25
500
Antistatic plastic tubes
VS-90APS08L-M3
25
500
Antistatic plastic tubes
VS-90EPS12L-M3
25
500
Antistatic plastic tubes
VS-90APS12L-M3
25
500
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
TO-247AD 2L
www.vishay.com/doc?95536
TO-247AD 3L
www.vishay.com/doc?95626
Part marking information
TO-247AD 2L
www.vishay.com/doc?95648
TO-247AD 3L
www.vishay.com/doc?95007
1
-
Current rating (90 = 90 A)
-
Vishay Semiconductors product
7
-
L = long leads
5
-
Voltage ratings
6
2
-
Circuit configuration:
A = single diode, 3 pins
E = single diode, 2 pins
3
-
Package:
P = TO-247AD
4
-
Type of silicon:
S = standard recovery rectifier
08 = 800 V
12 = 1200 V
Device code
5
1
3
2
4
6
7
8
90
VS-
A
P
S
12
L
-M3
-
8
Environmental digit:
-M3 = halogen-free, RoHS-compliant, and terminations lead (Pb)-free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com