Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90EPS..L-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-90EPS..L-M3
Description  High Voltage, Input Rectifier Diode, 90 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-90EPS..L-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-90EPS..L-M3 Datasheet HTML 1Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 2Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 3Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 4Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 5Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 6Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 7Page - Vishay Siliconix VS-90EPS..L-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-90EPS..L-M3, VS-90APS..L-M3
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-2018
2
Document Number: 93396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 112 °C, 180° conduction half sine wave
90
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
915
10 ms sine pulse, no voltage reapplied
1100
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
4185
A2s
10 ms sine pulse, no voltage reapplied
6050
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
60 500
A2
s
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
90 A, TJ = 25 °C
1.20
V
Forward slope resistance
rt
TJ = 150 °C
3.17
m
Threshold voltage
VF(TO)
0.73
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
1.5
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-40 to +150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.2
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
40
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
0.25
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AD 2L
90EPS08L, 90EPS12L
Case style TO-247AD 3L
90APS08L, 90APS12L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com