Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5646C Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC5646C
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646C Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC5646C Datasheet HTML 35Page - NXP Semiconductors MPC5646C Datasheet HTML 36Page - NXP Semiconductors MPC5646C Datasheet HTML 37Page - NXP Semiconductors MPC5646C Datasheet HTML 38Page - NXP Semiconductors MPC5646C Datasheet HTML 39Page - NXP Semiconductors MPC5646C Datasheet HTML 40Page - NXP Semiconductors MPC5646C Datasheet HTML 41Page - NXP Semiconductors MPC5646C Datasheet HTML 42Page - NXP Semiconductors MPC5646C Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
39
4.2.1
NVUSRO [PAD3V5V(0)] field description
Table 6 shows how NVUSRO [PAD3V5V(0)] controls the device configuration for VDD_HV_A domain.
The DC electrical characteristics are dependent on the PAD3V5V(0,1) bit value.
4.2.2
NVUSRO [PAD3V5V(1)] field description
Table 7 shows how NVUSRO [PAD3V5V(1)] controls the device configuration the device configuration for VDD_HV_B
domain.
The DC electrical characteristics are dependent on the PAD3V5V(0,1) bit value.
4.3
Absolute maximum ratings
Table 6. PAD3V5V(0) field description
Value1
1 '1' is delivery value. It is part of shadow flash memory, thus programmable by customer.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 7. PAD3V5V(1) field description
Value1
1 '1' is delivery value. It is part of shadow flash memory, thus programmable by customer.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 8. Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS_HV
SR Digital ground on VSS_HV
pins
—0
0
V
VDD_HV_A
SR Voltage on VDD_HV_A pins
with respect to ground
(VSS_HV)
—–0.3
6.0
V
VDD_HV_B
1
SR Voltage on VDD_HV_B pins
with respect to common
ground (VSS_HV)
—–0.3
6.0
V
VSS_LV
SR Voltage on VSS_LV (low
voltage digital supply) pins
with respect to ground
(VSS_HV)
—VSS_HV − 0.1
VSS_HV + 0.1
V
VRC_CTRL
2
Base control voltage for
external BCP68 NPN device
Relative to VDD_LV
0VDD_LV +1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com