Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5646C Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC5646C
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646C Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC5646C Datasheet HTML 42Page - NXP Semiconductors MPC5646C Datasheet HTML 43Page - NXP Semiconductors MPC5646C Datasheet HTML 44Page - NXP Semiconductors MPC5646C Datasheet HTML 45Page - NXP Semiconductors MPC5646C Datasheet HTML 46Page - NXP Semiconductors MPC5646C Datasheet HTML 47Page - NXP Semiconductors MPC5646C Datasheet HTML 48Page - NXP Semiconductors MPC5646C Datasheet HTML 49Page - NXP Semiconductors MPC5646C Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
46
Figure 5. I/O input DC electrical characteristics definition
4.6.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
Table 13. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Value2
2 V
DD as mentioned in the table is VDD_HV_A/VDD_HV_B. All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS (Schmitt
Trigger)
—0.65VDD
—VDD +0.4
V
VIL
SR P Input low level CMOS (Schmitt
Trigger)
—
−0.3
—
0.35VDD
VHYS CC C Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
ILKG CC P Digital input leakage
No injection
on adjacent
pin
TA = −40 °C
—
2
—
nA
PTA = 25 °C
—
2
—
DTA = 105 °C
—
12
500
PTA = 125 °C
—
70
1000
WFI SR P Width of input pulse rejected by
analog filter3
3 Analog filters are available on all wakeup lines.
——
—
404
ns
WNFI SR P Width of input pulse accepted by
analog filter(3)
—
10004
4 The width of input pulse in between 40 ns to 1000 ns is indeterminate. It may pass the noise or may not depending
on silicon sample to sample variation.
——
ns
VIL
VIN
VIH
PDIx = ‘1
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com