Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5644BCAMLU1R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC5644BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU1R Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC5644BCAMLU1R Datasheet HTML 1Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 2Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 3Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 4Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 5Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 6Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 7Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 8Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
Introduction
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
3
1
Introduction
1.1
Document Overview
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the MPC5646C device. To ensure a complete understanding of the device functionality,
refer also to the MPC5646C Reference Manual.
1.2
Description
The MPC5646C is a new family of next generation microcontrollers built on the Power Architecture embedded category. This
document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device.
The MPC5646C family expands the range of the MPC560xB microcontroller family. It provides the scalability needed to
implement platform approaches and delivers the performance required by increasingly sophisticated software architectures. The
advanced and cost-efficient host processor core of the MPC5646C automotive controller family complies with the Power
Architecture embedded category, which is 100 percent user-mode compatible with the original Power Architecture user
instruction set architecture (UISA). It operates at speeds of up to 120 MHz and offers high performance processing optimized
for low power consumption. It also capitalizes on the available development infrastructure of current Power Architecture
devices and is supported with software drivers, operating systems and configuration code to assist with users implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com