Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5644BCAMLU1R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC5644BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU1R Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC5644BCAMLU1R Datasheet HTML 1Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 2Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 3Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 4Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 5Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 6Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 7Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 8Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
I2C
1
32 kHz oscillator (SXOSC)
Yes
GPIO12
147
177
147
177
199
147
177
147
177
199
147
177
147
177
199
Debug
JTAG
Nexus
3+
JTAG
Nexus
3+
JTAG
Nexus
3+
Cryptographic Services
Engine (CSE)
Optional
1 Feature set dependent on selected peripheral multiplexing; table shows example.
2 Based on 125 °C ambient operating temperature and subject to full device characterization.
3 The e200z0h can run at speeds up to 80 MHz. However, if system frequency is >80 MHz (e.g., e200z4d running at 120 MHz) the e200z0h needs
to run at 1/2 system frequency. There is a configurable e200z0 system clock divider for this purpose.
4 DMAMUX also included that allows for software selection of 32 out of a possible 57 sources.
5 Not shared with 12-bit ADC, but possibly shared with other alternate functions.
6 There are 23 dedicated ANS plus 4 dedicated ANX channels on LQPF176. For higher pin count packages, there are 29 dedicated ANS plus 4
dedicated ANX channels.
7 16x precision channels (ANP) and 3x standard (ANS).
8 Not shared with 10-bit ADC, but possibly shared with other alternate functions.
9 As a minimum, all timer channels can function as PWM or Input Capture and Output Control. Refer to the eMIOS section of the device reference
manual for information on the channel configuration and functions.
10 CAN Sampler also included that allows ID of CAN message to be captured when in low power mode.
11 STCU controls MBIST activation and reporting.
12 Estimated I/O count for proposed packages based on multiplexing with peripherals.
Table 1. MPC5646C family comparison1 (continued)
Feature
MPC5644B
MPC5644C
MPC5645B
MPC5645C
MPC5646B
MPC5646C
Package
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com