Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430C001 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VV5430C001
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430C001 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VV5430C001 Datasheet HTML 15Page - STMicroelectronics VV5430C001 Datasheet HTML 16Page - STMicroelectronics VV5430C001 Datasheet HTML 17Page - STMicroelectronics VV5430C001 Datasheet HTML 18Page - STMicroelectronics VV5430C001 Datasheet HTML 19Page - STMicroelectronics VV5430C001 Datasheet HTML 20Page - STMicroelectronics VV5430C001 Datasheet HTML 21Page - STMicroelectronics VV5430C001 Datasheet HTML 22Page - STMicroelectronics VV5430C001 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VV5430
Exposure Control
CD5430F-A
19/33
7.3
Backlit Mode
The VV5430 can be configured to operate in two auto-exposure modes, selected by the BKLIT pin (pin28) state, or via the serial
interface (Setup Code_1, bit 0). The default mode (BKLIT = 0) provides exposure control for normally illuminated scenes. For
scenes where a bright background can cause the foreground subject to be severely under exposed, the ‘Backlit’ mode (BKLIT =
1) offers superior performance.
‘Backlit Mode’ (BKLIT=1) operates by using a higher threshold level for the exposure control comparator over the central area of
an image, which is therefore exposed for longer and so enhanced. The area in which the higher comparator threshold is used
when BKLIT=1 is illustrated below:
Figure 7 : Backlit exposure region
Note: The threshold level used for the central area is a preset mutiple of the normal mode reference level, and is not
alterable. In some circumstances this may not be sufficient difference to cause a noticable effect on the overall expo-
sure of the image.
10%
30%
80%
80%
25%
75%
Normal operation (BKLIT=0)
Higher threshold area (BKLIT=1)
Visible
25%
90%
image
Higher
Threshold
Exposure
control area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com