Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430C001 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VV5430C001
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430C001 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VV5430C001 Datasheet HTML 19Page - STMicroelectronics VV5430C001 Datasheet HTML 20Page - STMicroelectronics VV5430C001 Datasheet HTML 21Page - STMicroelectronics VV5430C001 Datasheet HTML 22Page - STMicroelectronics VV5430C001 Datasheet HTML 23Page - STMicroelectronics VV5430C001 Datasheet HTML 24Page - STMicroelectronics VV5430C001 Datasheet HTML 25Page - STMicroelectronics VV5430C001 Datasheet HTML 26Page - STMicroelectronics VV5430C001 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
VV5430
Write to Camera
CD5430F-A
23/33
10. Write to Camera
Information to be communicated from host to camera consists of configuration data (for example automatic gain control ON), and
parametric information (for example sensor integration time). The write data is formed into two bytes. A 4-bit Header Code in the
first byte is used by the camera to determine the destination of the 12-bit message following the header.
Figure 10 : Receive Data Format
After the camera acknowledges the receipt of a valid address the host transfers the first data byte which the camera
acknowledges by pulling SDA low. The second byte is then sent followed by a final acknowledge from the camera. A stop
condition is produced by the host after the second message byte. As with the read procedure, the stop condition is not absolutely
necessary as the camera’s serial interface will reset automatically after two bytes have been received.
The valid Header Codes and their data structures are fully described in the following pages.
10.1 Timing Protocol
When an exposure or gain value has been written to the camera it is held in the interface until the camera is ready to consume
the new data. For correct operation, there should be no further read or write accesses to the camera during this hold period.
Normal communication between other modules connected to the serial interface will not cause problems. The minimum length of
the wait period is
40ms in EIA mode and 34ms in CCIR mode from the end of the data transfer.
S
ADDRESS[7:1]
R/
W
A
DATA[11:8]
DATA[7:0]
AA P
Write = 0
Camera acknowledge (valid address)
Camera acknowledge
HEADER
0 0 1 0 0 x x 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com