Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML2120 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SML2120 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Functional Description
SML2120
2
2066 6.3 1/22/04
Summit Microelectronics
–\
FUNCTIONAL DESCRIPTION
The SML2120 is an adaptive power controller for laser
diodes. The device contains an active feedback loop used
to calibrate and control the mean and modulation power of
high-speed high-power laser diodes.
Inherent manufacturing tolerances introduce variations of
performance in laser diodes. These variations, combined
with parametric changes over the laser's extreme operating
temperature range and laser aging, require an efficient
compensation solution. The SML2120, together with a
minimum number of external components, is designed to
compensate for these variations using a digital control loop
and dual programmable nonvolatile calibration lookup
tables.
Figure 2 shows the output light power of a typical laser
diode versus its operating current. Depicted in the graph are
laser diode characteristics at two different temperatures. At
the first temperature (TCold), the laser requires an average
bias current of IBIAS1. The modulation current required to
switch the laser between its ON and OFF states is labeled
IMOD1.
The ratio of light power of its ON state divided by the light
power of its OFF state is referred to as the extinction ratio.
Ideally the laser requires a constant extinction ratio over its
entire operating temperature range, as the receiver module
is calibrated to this level. Operating the laser driver at a
higher extinction ratio indicates that power is being wasted,
whereas operating at a lower extinction ratio indicates that
data may possibly be lost.
The required bias current increases to IBIAS2 when the laser
is operated at a second temperature (THot). The laser
requires a modulation of IMOD2 to maintain a constant
extinction ratio as in the TCold curve. The SML2120, with its
dual lookup table architecture (Figure 3), is capable of
providing variable output currents based on a function of
either the bias current or the external temperature, and
thereby enables the system designer to optimize the
extinction ratio of the laser driver module.
The SML2120 eliminates the need for any manual
calibration of the laser control circuit. All calibration values
are programmed through the I2C industry-standard 2-wire
communication interface whose protocol and functions can
be controlled by automated test equipment (ATE).
Figure 2. Laser Current Increase Caused by Temperature Increase, Constant Light Power Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com