Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML2120 Datasheet(PDF) 25 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 25 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 21Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 22Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 23Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 24Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 25Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 26Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 27Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 28Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 29Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
SML2120
Summit Microelectronics
2066 6.3 1/22/04
25
Configuration Register 6 - Address 0x106
This register contains the ADC input, scale, and offset fields for Lookup Table 0 (LUT0).
Bits
Default
Description
765
43210
0
0b0
Lookup Table 0 update disable. When this bit is cleared, updates to
ILU0 are allowed.
1
Lookup Table 0 update disable. When this bit is set, updates to ILU0
are not allowed.
00
0b11
ADC input source for LUT0. Indicates the THERMISTOR pin as the
ADC input source for lookup table 0.
01
ADC input source for LUT0. Indicates the EXT_TEMP pin (voltage) as
the ADC input source for lookup table 0.
10
ADC input source for LUT0. Indicates the EXT_TEMP pin (current) as
the ADC input source for lookup table 0.
11
ADC input source for LUT0. Indicates the BIAS current as the ADC
input source for lookup table 0.
00
0b00
ADC scale source 0. Indicates a scale factor of 1x.
0
1
ADC scale source 0. Indicates a scale factor of 2x.
1
0
ADC scale source 0. Indicates a scale factor of 4x.
1
1
ADC scale source 0. Indicates a scale factor of 8x.
000
0b000
ADC offset source 0. Indicates the ADC offset for Lookup Table 0.
Offset = Full Scale * 0/8
0
0
1
Offset = Full Scale * 7/8
0
1
0
Offset = Full Scale * 6/8
0
1
1
Offset = Full Scale * 5/8
1
0
0
Offset = Full Scale * 4/8
1
0
1
Offset = Full Scale * 3/8
1
1
0
Offset = Full Scale * 2/8
1
1
1
Offset = Full Scale * 1/8
Table 12. Configuration Register 6 Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com