Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS44 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMS44
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMS44 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
2047 2.3 10/23/00
SMS44
SUMMIT MICROELECTRONICS, Inc.
Table 8. Memory Operating Characteristics
Input Data Protocol
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device that receives data as
a “receiver.” The device controlling data transmission is
called the “master” and the controlled device is called the
“slave.” In all cases the SMS44 will be a “slave” device,
since it never initiates any data transfers.
2047 Table08 2.2
Figure 8. Memory Operating Characteristics
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock high
time, because changes on the data line while SCL is high
will be interpreted as start or stop condition.
tF
tR
tLOW
tHIGH
tHD:STA
tSU:STA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2047 Fig08 2.1
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
00
0
1z
H
k
t
W
O
L
d
o
i
r
e
p
w
o
l
k
c
o
l
C
7
.
4s
µ
t
H
G
I
H
d
o
i
r
e
p
h
g
i
h
k
c
o
l
C
0
.
4s
µ
t
F
U
B
e
m
i
t
e
e
r
f
s
u
Bn
o
i
s
s
i
m
s
n
a
r
t
w
e
n
e
r
o
f
e
B7
.
4s
µ
t
A
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
t
r
a
t
S
7
.
4s
µ
t
A
T
S
:
D
H
e
m
i
t
d
l
o
h
n
o
i
t
i
d
n
o
c
t
r
a
t
S
0
.
4s
µ
t
O
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
p
o
t
S
7
.
4s
µ
t
A
A
t
u
p
t
u
o
d
il
a
v
o
t
e
g
d
e
k
c
o
l
C)
n
e
l
c
y
c
(
A
D
S
d
il
a
v
o
t
w
o
l
L
C
S3
.
05
.
3s
µ
t
H
D
e
m
i
t
d
l
o
h
t
u
O
a
t
a
De
g
n
a
h
c
A
D
S
o
t
)
1
+
n
e
l
c
y
c
(
w
o
l
L
C
S3
.
0s
µ
t
R
e
m
i
t
e
s
i
r
A
D
S
d
n
a
L
C
S
0
0
0
1s
n
t
F
e
m
i
t
ll
a
f
A
D
S
d
n
a
L
C
S
0
0
3s
n
t
T
A
D
:
U
S
e
m
i
t
p
u
t
e
s
n
I
a
t
a
D
0
5
2s
n
t
T
A
D
:
D
H
e
m
i
t
d
l
o
h
n
I
a
t
a
D
0s
n
I
TA
D
S
d
n
a
L
C
S
r
e
t
li
f
e
s
i
o
Nn
o
i
s
s
e
r
p
p
u
s
e
s
i
o
N0
0
1s
n
t
R
W
e
m
i
t
e
l
c
y
c
e
t
i
r
W
5s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com