Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM764FCR2 Datasheet(PDF) 28 Page - Summit Microelectronics, Inc.

Part # SMM764FCR2
Description  Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM764FCR2 Datasheet(HTML) 28 Page - Summit Microelectronics, Inc.

Back Button SMM764FCR2 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 32Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
SMM764
Preliminary Information
Summit Microelectronics, Inc
2098 1.1 6/29/2005
28
DEFAULT CONFIGURATION REGISTER SETTINGS – SMM764FC-285
Register
Contents
Register
Contents
Register
Contents
R0
FD
R82
82
RBA
02
R1
84
R83
66
RBB
23
R2
0E
R84
2A
RBC
03
R3
00
R85
CD
RBD
E0
R4
0E
R86
12
RBE
03
R5
80
R87
E1
RBF
E0
R6
0E
R88
49
RC0
03
R7
C7
R89
D7
RC1
38
RC
FF
R8A
81
RC2
03
RD
00
R8B
C3
RC3
38
RE
05
R8C
2A
RC4
01
RF
08
R8D
29
RC5
90
R10
7F
R8E
12
RC6
01
R11
7F
R8F
3D
RC7
90
R12
7F
R90
49
RC8
00
R13
7F
R91
85
RC9
00
R30
FD
R92
81
RCA
00
R31
6E
R93
71
RCB
00
R32
0E
R94
29
RCC
03
R33
DA
R95
D7
RCD
FF
R34
0E
R96
11
RCE
03
R35
46
R97
EC
RCF
FF
R36
0E
R98
49
RD0
00
R37
80
R99
48
RD1
00
R3C
00
R9A
81
RD2
00
R3D
12
R9B
33
RD3
00
R3E
50
R9C
29
RD4
03
R40
FD
R9D
9A
RD5
D8
R41
9D
R9E
11
RD6
03
R42
8E
R9F
AE
RD7
D8
R43
2D
RB0
02
RE0
00
R44
0E
RB1
67
RE0
00
R45
A2
RB2
02
RE1
3D
R46
0F
RB3
52
RE2
00
R47
20
RB4
03
RE3
3D
R4C
00
RB5
FF
RE4
00
R4D
12
RB6
03
RE5
3D
R4E
50
RB7
FF
RE6
00
R80
4A
RB8
02
RE7
3D
R81
7B
RB9
23
RC1
The default device ordering number is SMM764FC-285. It is programmed with the register contents as shown above
and tested over the commercial temperature range with a VREF setting of 1.25V. Other standard external VREF
voltage settings that can be specified and tested are values of: 1.024, 1.225, 1.250, 2.048, 2.500, 3.000 or 3.300.
The value is derived from the customer supplied hex file. New device suffix numbers are assigned to non-default
requirements. If other VREF values are required, please contact a Summit Microelectronics Sales Representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com