Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM764FCR2 Datasheet(PDF) 31 Page - Summit Microelectronics, Inc.

Part # SMM764FCR2
Description  Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM764FCR2 Datasheet(HTML) 31 Page - Summit Microelectronics, Inc.

Back Button SMM764FCR2 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 30Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 31Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 32Page - Summit Microelectronics, Inc. SMM764FCR2 Datasheet HTML 33Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
SMM764
Preliminary Information
Summit Microelectronics, Inc
2098 1.1 6/29/2005
31
Terms and Definitions
Fault-Triggered
This term refers to either a power-off or force-shutdown operation. When a UV, OV, or
sequence termination condition trigger a power-off or force-shutdown a fault triggered power-
off or force-shutdown is said to occur. This sets the restart delay at 2.4s, and can limit the
number of allowable retries. This term has no correlation to the FAULT pin.
Command-Triggered
This term refers to either a power-off or force-shutdown operation. When either the FS# or
PWR_ON pin is asserted or an I
2C command is issued a Command-Triggered power-off or
force-shutdown is said to occur. This sets the restart delay at 12.5ms, and will not limit the
number of allowable retries.
ADOC™
ADOC (Active DC Output Control) is a proprietary secondary closed loop compensation
control, used to maintain output voltages to ±0.2%.
Power-off
Power-off sequencing refers to cascaded power-off sequencing unless explicitly noted.
Cascaded power-off sequencing refers to a feedback based supply termination in which each
channel in the previous sequence position is monitored, and the monitored voltage must fall
below a programmable OFF threshold before the next sequence position is allowed to turn
off. Channels in the same sequence position are not capable of Cascaded power-off
sequencing.
Power-on
Power-off sequencing refers to cascaded power-off sequencing unless explicitly noted.
Cascaded power-off sequencing refers to a feedback based supply termination in which each
channel in the previous sequence position is monitored, and the monitored voltage must fall
below a programmable OFF threshold before the next sequence position is allowed to turn
off. Channels in the same sequence position are not capable of Cascaded power-off
sequencing.
Force-shutdown
When all supplies are immediately disabled without regard to sequence position, or any other
quantity.
Sequence-Link™
When more than one SMM764 or SMM766 derivatives are connected creating a seamless
multi-channel network.
UV
Programmed Under Voltage threshold for monitored channels and supplies
OV
Programmed Over Voltage threshold for monitored channels and supplies
UVLO
Undervoltage Lockout. Prevents voltage at VDD or 12VIN pin from powering the SMM764
until proper operating voltages have been reached.
Margin
The ability to change the nominal output voltage by use of trim pin.
ADC
Analog to Digital Converter. Converts analog voltage to digital voltage. SMM764 represents
all measured voltages by 10-bit digital reading.
Retries
The number of times the SMM764 will restart after a Fault-Triggered power-off or force-
shutdown.
Restart
When the SMM764 begins power on sequencing, includes initial power-on sequence.
Power-on delay
Delay from restart timer expiration to PUPY pin active
Power-off delay
Programmable delay from VMX off to PUPY inactive
Sequence
Termination
When a supply fails to reach its programmed UV, or OFF, threshold before expiration of
internal timer.
Monitoring
When any quantity including temperature, and voltage is converted to a digital value by the
ADC and compared against a user programmable setting.
GUI
Graphical user interface. Program that reads from and writes to non-volatile registers on the
SMM764 and displays results in accordance to register function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com