Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS44S Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMS44S
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44S Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS44S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
2047 2.3 10/23/00
SMS44
SUMMIT MICROELECTRONICS, Inc.
Table 1. Configuration Register 4
DEVICE OPERATION
2047 Table01 1.0
SUPPLY AND MONITOR FUNCTIONS
The V0, V1, V2 and V3 inputs are internally diode-ORed so
that any one of the four can act as the device supply. The
RESET# output will be guaranteed true so long as one of
the four pins is at or above 1V.
Note: for performing a memory operation (read or
write) and to have the ability to change configura-
tion register contents at least one supply input
must be above 2.7V.
If sequencing is enabled, the designer must insure V0 is
the primary supply and is the first to become active.
Associated with each input is a comparator with a pro-
grammable threshold for detection of under-voltage con-
ditions on any of the four supply inputs. The threshold can
be programmed in 20mV increments anywhere within the
range of 0.9V to 6.0V. Configuration registers 0, 1, 2, and
3 adjust the thresholds for V0, V1, V2 and V3 respectively.
If the value contained in the register is all zeroes, the
corresponding threshold will be 0.9V. If the contents were
05HEX the threshold would then be 1.0V [0.9V + (5
×
0.02V)]. All four registers are configured as 8-bit registers.
RESET AND IRQ FUNCTIONS
Both the reset and interrupt outputs have four program-
mable sources for activation. Configuration register 4 is
used for selecting the activation source, which can be any
combination of V0, V1, V2 and V3. A monitor input can only
be programmed to activate on either an under-voltage or
over-voltage condition, but not both conditions.
The RESET# output has two hardwired sources for activa-
tion: the MR# input, and the expiration of the Longdog
timer. RESET# will remain active so long as MR# is low,
and will continue driving the RESET# output for tPRTO
(programmable reset time out) after MR# returns high.
The MR# input cannot be bypassed or disabled. The
Longdog timer can be bypassed by programming it to the
off or idle mode.
The watchdog is the sole hardwired source for driving the
IRQ# output low.
It can effectively be bypassed by
programming it to the off or idle mode. Refer to Figures 1,
2, 3 and 4 for a detailed illustration of the relationships
among the affected signals.
The SMS44 also provides the option of the monitors
triggering on either an under-voltage or over-voltage con-
dition. The low-order four bits of configuration register 5
program these options.
The high order four bits of configuration register 5 are read
only, and their state indicates the sources of interrupts.
Whenever an interrupt is generated the status of the V
inputs will be recorded in the status register. The status
will remain in the register until the device is powered-down
7
B
S
M
65432
1
0
B
S
L
V
3
V
2
V
1
V
0
V
3
V
2
V
1
V
0
e
c
r
u
o
S
r
e
g
g
i
r
T
T
E
S
E
Re
c
r
u
o
S
r
e
g
g
i
r
T
Q
R
I
or another interrupt occurs that overwrites the previous
status.
If an interrupt occurs and no bits are set the default
assumption must be the watchdog generated the inter-
rupt.
WATCHDOG AND LONGDOG TIMERS
The SMS44 contains two timers that can be programmed
independently. The Watchdog is intended to be of shorter
duration and will generate an interrupt if it times out. The
3
B
S
M
21
0
B
S
L
V
3
V
2
V
1
V
0
s
e
l
b
a
n
e
0
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
d
n
u
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
0000
s
e
l
b
a
n
e
1
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
v
o
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
1111
2047 Table03 1.0
2047 Table02 1.0
Table 2. Configuration Register 5
7
B
S
M
65
4
B
S
L
V
3
V
2
V
1
V
0
0000
e
h
t
s
e
t
a
c
i
d
n
i
1
a
g
n
i
d
a
e
R
t
p
u
r
r
e
t
n
i
e
h
t
f
o
e
c
r
u
o
s
1111
Table 3. Configuration Register 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com