Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS44S Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS44S
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44S Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS44S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SMS44
2047 2.3 10/23/00
SUMMIT MICROELECTRONICS, Inc.
The delay from VPTH0 until PUP#1 low is tPDLY1. There is
a similar tPDLYX delay for V1 to PUP#2 and V2 to PUP#3.
They are programmed in register 7. See Figure 5.
Sequencing will always occur as indicated in the flow
chart.
MEMORY OPERATION
Data for the configuration registers and the memory array
are read and written via an industry standard two-wire
interface. The bus was designed for two-way, two-line
serial communication between different integrated cir-
cuits. The two lines are a serial data line (SDA) and a serial
clock line (SCL). The SDA line must be connected to a
positive supply by a pull-up resistor, located somewhere
on the bus.
See Memory Operating Characteristics:
Table 8 and Figure 8.
Figure 7. Sequence Flow Chart
Yes
No
Sequencing
Enabled
V0
>VPTH?
Turn On PUP#1
2047 Fig07 2.1
tPDLY1
Yes
No
V1
>VPTH?
Turn On PUP#2
tPDLY2
Yes
No
V2
>VPTH?
Turn On PUP#3
tPDLY3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com