Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS66 Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 23Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
19
enable by writing other codes (not 0101BIN) to the write
protection register.
Writing to the write protection
register is shown in Figure 7.
CONFIGURATION REGISTERS
The majority of the configuration registers are grouped
with the general-purpose memory located at either
slave address 1010BIN or 1011BIN. The bus address
bits, A[1:0], used to differentiate the general-purpose
memory from the configuration registers are set to
11BIN. Bus address bit A[2] can be programmed as
either 0 or biased by the A2 pin.
Two additional configuration registers are located at
addresses 83HEX and 84HEX of slave address 1001BIN.
Writing and reading the configuration registers is
shown in Figures 8, 9, 10,11 and 12.
GENERAL-PURPOSE MEMORY
The 4k-bit general-purpose memory is located at
either slave address 1010BIN or 1011BIN. The bus
address bits, A[1:0], used to differentiate the general-
purpose memory from the configuration registers are
set to 00BIN for the first 2k-bits and 01BIN for the second
2k-bits. Bus address bit A[2] can be programmed as
either 0 or biased by the A2 pin. The word address
must be set each time the memory is accessed.
Memory writes and reads are shown in Figures 13, 14
and 15.
COMMAND AND STATUS REGISTERS
The command and status registers are located at
slave address 1001BIN.
Writes and reads of the
command and status registers are shown in Figures
16 and 17.
ADC CONVERSIONS
An ADC conversion on any monitored channel can be
performed and read over the I
2C bus using the ADC
read command. The ADC read command, shown in
Figure 18, starts with a dummy write to the 1001BIN
slave address. Bits [6:3] of the word address byte are
used to address the desired monitored input. Once
the device acknowledges the channel address, it
begins the ADC conversion of the addressed input.
This conversion requires 70
µs to complete. During
this conversion time, acknowledge polling can be
used. The SMS66 will not acknowledge the address
bytes until the conversion is complete.
When the
conversion
has
completed,
the
SMS66
will
acknowledge the address byte and return the 10-bit
conversion along with the 4-bit channel address echo.
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMS66 graphical user interface (GUI) is highly
recommended. The software is available from the
Summit website (www.summitmicro.com). Using the
GUI in conjunction with this datasheet and Application
Note 33, simplifies the process of device prototyping
and the interaction of the various functional blocks. A
programming Dongle (SMX3200) is available from
Summit to communicate with the SMS66. The Dongle
connects directly to the parallel port of a PC and
programs the device through a cable using the I
2C bus
protocol.
Slave Address Bus Address Register Type
1001BIN
A2 A1 A0
Write Protection Register,
Command and Status Registers,
Two Configuration Registers,
ADC Conversion Readout
A2 0 0
1
st 2-k Bits of General-Purpose Memory
A2 0 1
2
nd 2-k Bits of General-Purpose Memory
1010BIN
or
1011BIN
A2 1 1
Configuration Registers
Table 1 - Address bytes used by the SMS66.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com