Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS66 Datasheet(PDF) 24 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 24 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 26Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
24
DEFAULT CONFIGURATION REGISTER SETTINGS – SMS66-171
Register
Contents
Register
Contents
Register
Contents
Register
Contents
R0C
00
R4B
7F
RA4
29
RCA
0C
R0D
00
R4C
00
RA5
5D
RCB
00
R0E
03
R80
42
RA6
11
RCC
0F
R0F
A1
R81
48
RA7
71
RCD
FF
R10
8F
R82
82
RA8
40
RCE
0F
R11
9F
R83
3E
RA9
CE
RCF
FF
R12
AF
R84
2A
RAA
80
RD0
0C
R13
BF
R85
B8
RAB
8F
RD1
00
R14
CF
R86
12
RAC
29
RD2
0C
R15
DF
R87
F6
RAD
1F
RD3
00
R18
00
R88
41
RAE
11
RD4
0F
R19
00
R89
C8
RAF
33
RD5
D8
R30
0D
R8A
81
RB0
2A
RD6
0F
R31
60
R8B
B9
RB1
67
RD7
D8
R32
0D
R8C
2A
RB2
0A
RE0
00
R33
DC
R8D
34
RB3
52
RE1
3D
R34
0E
R8E
12
RB4
03
RE2
00
R35
45
R8F
49
RB5
FF
RE3
3D
R36
0E
R90
49
RB6
03
RE4
00
R37
A2
R91
5C
RB7
FF
RE5
3D
R38
0F
R92
81
RB8
0D
RE6
00
R39
08
R93
52
RB9
9A
RE7
3D
R3A
0F
R94
29
RBA
0D
RE8
00
R3B
D6
R95
D7
RBB
56
RE9
3D
R3C
00
R96
11
RBC
0F
REA
00
R3D
12
R97
EB
RBD
E0
REB
3D
R3E
48
R98
41
RBE
0F
R83
05
R40
0D
R99
3E
RBF
E0
R84
00
R41
B9
R9A
81
RC0
0B
R42
0E
R9B
33
RC1
38
R43
39
R9C
29
RC2
0B
R44
0E
R9D
9A
RC3
38
R45
A4
R9E
11
RC4
09
R46
0F
R9F
AERC5
90
R47
16
RA0
41
RC6
09
R48
0F
RA1
0B
RC7
90
R49
B4
RA2
80
RC8
0C
R4A
06
RA3
F6
RC9
00
RC1
The default device ordering number is SMS66F-171, is programmed as described above
and tested over the commercial temperature range. Application Note 42 contains a
complete description of the Windows GUI and the default settings of each of the 142
individual Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com