| Electronic Components Datasheet Search |
|
P60D080 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P60D080 Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() SMX2_FAM_P60D080_D144_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 1 September 2010 197210 4 of 12 NXP Semiconductors P60D080 and P60D144 Secure high-performance dual interface smart card controller 3.2 Security features Outstanding Glue Logic chip layout approach: Most efficient and proven protection against reverse engineering Based on avoidance of any logical layout block recognition Secure Fetch (Code and Data) Active and dynamic shielding Enhanced security sensors: Low and high clock frequency sensor Low and high temperature sensor Low and high supply voltage sensor Single Fault Injection (SFI) attack detection Light sensors (included integrated memory light sensor functionality) Electronic fuses for safeguarded mode control Clock input filter for protection against spikes Power-up and power-down reset Memory security (encryption and physical measures) for RAM, EEPROM and ROM Memory Management Unit (MMU) including memory protection: Secure multi application operating systems via two different operation modes: System mode and User mode OS controlled access restriction mechanism to peripherals in User mode Memory mapping up to 8-MB code memory Memory mapping up to 8-MB data memory Built-in integral concept for secure code execution covering code fetch, MMU and CPU Optional disabling of ROM read instructions by code executed in EEPROM Optional disabling of any code execution out of RAM Optional Unique ID for each die Optional programmable card disable feature EEPROM programming: Hardware sequencer controlled Enhanced error correction mechanism 128-B or 264-B EEPROM for customer-defined Security FabKey: Featuring batch, wafer or die-individual security data Encrypted diversification features available on request 14 B user write protected security area in EEPROM (byte access, inhibit functionality per byte) 32 B write once protected security area in EEPROM (bit access) 32 B user read only protected security area in EEPROM (byte access) Total useable EEPROM for customer OS (including optional FabKey areas) and excluding the MIFARE Plus and DESFire EV1 implementations P60D080: 81408 bytes + above 78 bytes within protected security area P60D144: 146944 bytes + above 78 bytes within protected security area Customer specific EEPROM initialization available |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |