Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P60D080 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Datasheet(HTML) 5 Page - NXP Semiconductors

  P60D080 Datasheet HTML 1Page - NXP Semiconductors P60D080 Datasheet HTML 2Page - NXP Semiconductors P60D080 Datasheet HTML 3Page - NXP Semiconductors P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
5 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
4.
Applications
E-passports
ID cards
Health cards
Electronic driving licences
Contact and contactless banking
Digital Signature
Conditional Access (Pay TV)
High-security access management
Authentication
Trusted platform modules
Multi-application cards
5.
Quick reference data
[1]
Remark: continuos operation from 1.62 V up to 5.5 V supported
Table 1.
Quick reference data
Symbol
Parameter
Conditions [1]
Min
Typ
Max
Unit
VDD
supply voltage
Class A: 5 V range
4.5
5.0
5.5
V
Class B: 3 V range
2.7
3.0
3.3
V
Class C: 1.8 V range
1.62
1.8
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com