Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/01 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9541AD/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/01 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9541AD/01 Datasheet HTML 25Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 26Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 27Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 28Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 29Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 30Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 31Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 32Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
PCA9541A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 24 April 2014
29 of 45
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
[1]
In order to reset the part, VDD must be lowered to 0.2 V for at least 5 s.
Input SCL_MSTn; input/output SDA_MSTn (upstream and downstream channels)
VIL
LOW-level input voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current VOL =0.4 V
3
-
-
mA
VOL =0.6 V
6
-
-
mA
IL
leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V
-
4
5
pF
VDD = 3.6 V to 5.5 V
-
4
6
pF
Select inputs A0 to A3, INT_IN, RESET
VIL
LOW-level input voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
ILI
input leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V
-
2
3
pF
VDD = 3.6 V to 5.5 V
-
2
5
pF
Pass gate
Ron
ON-state resistance
VDD = 4.5 V to 5.5 V; VO =0.4 V;
IO =15mA
412
24
VDD = 3.0 V to 3.6 V; VO =0.4 V;
IO =15mA
514
30
VDD = 2.3 V to 2.7 V; VO =0.4 V;
IO =10mA
717
55
Vo(sw)
switch output voltage
Vi(sw) =VDD =5.0 V; Io(sw) = 100 A-
3.6
-
V
Vi(sw) =VDD = 4.5 V to 5.5 V;
Io(sw) = 100 A
2.6-
4.5V
Vi(sw) =VDD =3.3 V; Io(sw) = 100 A-
2.2
-
V
Vi(sw) =VDD = 3.0 V to 3.6 V;
Io(sw) = 100 A
1.6-
2.8V
Vi(sw) =VDD =2.5 V; Io(sw) = 100 A-
1.5
-
V
Vi(sw) =VDD = 2.3 V to 2.7 V;
Io(sw) = 100 A
1.1-
2.0V
IL
leakage current
VI =VDD or VSS
1-
+1
A
INT0 and INT1 outputs
IOL
LOW-level output current VOL =0.4 V
3
-
-
mA
Table 17.
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com