Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC621XXL-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC621XXL-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XXL-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC621XXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 14
www.unisonic.com.tw
QW-R502-028,B
ELECTRICAL CHARACTERISTICS(Cont.)
UC62140
(VOUT(T)=4.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note2)
VOUT(E)
IOUT =50mA, VIN =5.0V
3.92
4.000
4.08
V
Input Voltage
VIN
8
V
EXT Output Voltage
VEXT
8
V
High
VCEH
1.5
V
CE Level Voltage
Low
VCEL
0.25
V
Load Stability (Note 4)
△
VOUT
VIN =5.0V, 1mA≤IOUT≤100mA
-60
60
mV
Input-Output Voltage Differential
VDIFF
IOUT =100mA
100
mV
Maximum Output Current(Note 4)
IOUT (max)
VIN =5.0V
1000
mA
Supply Current1
Iss1
VIN =5.0V, VCE =Vss
0.6
µA
Supply Current2
Iss2
VIN =8.0V, VCE =VIN
50
80
µA
EXT Leakage Current
ILEAK
0.5
µA
High
ICEH
VCE =VIN
0.1
µA
CE Level Current
Low
ICEL
VCE =Vss
-0.2
-0.05
0
µA
Input Stability (Note 4)
△
VOUT
△
VIN×VOUT
IOUT =50mA, 5.0V≤VIN≤8.0V
0.1
0.3
%/V
Output Voltage Temperature
Characteristics (Note 4)
△
VOUT
△
TOPR×VOUT
IOUT =10mA, -20℃≤TOPR≤85℃
±
100
ppm/℃
UC62150
(VOUT(T) =5.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note2)
VOUT(E)
IOUT =50mA, VIN =6.0V
4.900
5.000
5.100
V
Input Voltage
VIN
8
V
EXT Output Voltage
VEXT
8
V
High
VCEH
1.5
V
CE Level Voltage
Low
VCEL
0.25
V
Load Stability (Note 4)
V
△ OUT
VIN =6.0V, 1mA ≤ IOUT ≤100mA
-60
60
mV
Input-Output Voltage Differential
VDIFF
IOUT =100mA
100
mV
Maximum Output Current(Note 4)
IOUT (max)
VIN =6.0V
1000
mA
Supply Current1
Iss1
VIN=6.0V, VCE =Vss
0.6
µA
Supply Current2
Iss2
VIN=8.0V, VCE =VIN
50
80
µA
EXT Leakage Current
ILEAK
0.5
µA
High
ICEH
VCE =VIN
0.1
µA
CE Level Current
Low
ICEL
VCE =Vss
-0.2
-0.05
0
µA
Input Stability (Note 4)
V
△ OUT
V
△ IN×VOUT
IOUT=50mA, 6.0V≤VIN ≤8.0V
0.1
0.3
%/V
Output Voltage Temperature
Characteristics (Note 4)
V
△ OUT
T
△ OPR×VOUT
IOUT =10mA, -20℃≤TOPR ≤85℃
±100
ppm/℃
Note: 1. VOUT(T)=Specified Output Voltage.
2. VOUT(E) =Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while
maintaining a certain IOUT value).
3. VDIFF = {VIN1 -VOUT1 }
*VOUT1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is
input.
*VIN1 = The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
4. The characteristics for those parameters marked with an asterisk* are liable to vary depending on which
transistor is used. Please use a transistor with a low saturation voltage level and hFE equal to 100 or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com