Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC621XXL-AF5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UC621XXL-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XXL-AF5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UC621XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 11Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 12Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 13Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 14
www.unisonic.com.tw
QW-R502-028,B
TYPICAL CHARACTERISTICS(Cont.)
56
40
7
0
50
30
8
Input Voltage, VIN (V)
20
10
UC62150
TOPR=25℃ 85℃
- 20℃
45
40
6
0
50
30
7
Input Voltage, VIN (V)
20
10
UC62140
TOPR =25℃ 85℃
-20℃
(5) OUTPUT VOLTTAGE vs. AMBIENT TEMPERATURE
-40
UC62130
20
-20
40
60
2.95
3.10
3.05
2.90
3.00
0
100
Ambient Temperature, TOPR (℃)
-40
UC62133
20
-20
40
60
3.25
3.40
3.35
3.20
3.30
0
80
Ambient Temperature, TOPR(℃)
VIN=4.3V, IOUT=100mA
L =10µF (tantalum)
C
IN=4.0V, IOUT 100mA
L=10µF ()
C
=
tantalum
V
80
100
-40
UC62140
20
-20
40
60
3.95
4.10
4.05
3.90
4.00
0
100
Ambient Temperature, TOPR (℃)
-40
UC62150
20
-20
40
60
4.95
5.10
5.05
4.90
5.00
0
80
Ambient Temperature, TOPR(℃)
VIN=6 V, IOUT=100mA
L =10µF (tantalum)
C
IN=5 V, IOUT 100mA
L=10µF ()
C
=
tantalum
V
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com