Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89C53RC Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 98Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 99Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 100Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 101Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 102Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 103Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 104Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 105Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
102
Absolute Maximum Ratings
Parameter
Symbol
MIN
MAX
UNIT
Storage temperature
T ST
-55
+125
℃
Operating Temperature(I)
T A
-40
+85
℃
Operating Temperature(C)
T A
0
+70
℃
DC Power Supply(5V MCU)
V DD  -  V SS
-0.3
+6.0
V
DC Power Supply(3V MCU)
V DD  -  V SS
-0.3
+4.0
V
Voltage on any Pin
-0.5
+5.5
V
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Specification
Test
Condition
Min.
Typ.
Max.
Unit
V DD
Operating Voltage
3.4
5.0
5.5
V
I PWDN
Power Down Current
<0.1
uA
5V
I IDLE
Idle Current
3.0
mA
5V
I CC
Operating Current
4 mA
20
mA
5V
V IL1
Input low voltage
(P0,P1,P2,P3)
0.8
V
5V
V IL2
Input low voltage
(RESET,XTAL1)
1.5
V
5V
V IH1
Input High voltage
(P0,P1,P2,P3)
2.0
V
5V
V IH2
Input High voltage
(RESET)
3.0
V
5V
I OL1
Sinking Current
for Output Low
(P0,P1,P2,P3)
20
mA
5V
I OH1
Sourcing Current
for Output High
(P0,P1,P2,P3)
150
230
uA
5V
I OH2
Sourcing Current
for Output High
(P0,P1,P2,P3)
(Push-Pull)
20
mA
5V
I IL
Logic 0 input
current
(P0,P1,P2,P3)
18
50
uA
V PIN =0V
I TL
Logic 1 to  0
transition current
(P0,P1,P2,P3)
270
600
uA
V PIN =2V
DC Specification(5V MCU)
         STC12C5410AD 系列单片机电气特性



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com