Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1104 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 25Page - Texas Instruments TUSB1104 Datasheet HTML 26Page - Texas Instruments TUSB1104 Datasheet HTML 27Page - Texas Instruments TUSB1104 Datasheet HTML 28Page - Texas Instruments TUSB1104 Datasheet HTML 29Page - Texas Instruments TUSB1104 Datasheet HTML 30Page - Texas Instruments TUSB1104 Datasheet HTML 31Page - Texas Instruments TUSB1104 Datasheet HTML 32Page - Texas Instruments TUSB1104 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
7.5.1.6 Full AEQ with Limited Redriver Mode
// (address, data)
// Initial power-on configuration.
(0x0A, 0x91), // Limited redriver, EQ_OVERRIDE and USB 3.2
(0x0B, 0x6F), // SSRX1 limited. Preshoot and de-emphasis.
(0x0C, 0x6C), // SSRX2 limited. Preshoot and de-emphasis.
(0x32, 0xC0), // VOD control
(0x1C, 0x85), // Full AEQ enable.
(0x1D, 0x10), // Over EQ adjustment
(0x20, 0x11), // USB connector CRx1/CRx2 short channel EQ setting. Not used for Full AEQ.
(0x21, 0x55), // SSTX1 and SSTX2 receiver EQ
// Controls when selecting between normal and flip orientation.
If (USBonly_normal) // USB-C connected and normal orientation.
{ (0x0A,0x91); }
Else if (USBonly_flip) // USB-C connected and Flip orientation.
{ (0x0A, 0x95); }
Else // Nothing connected to USB-C connector. Disable USB 3.2.
{ (0x0A, 0x90); }
7.5.2 TUSB1104 I2C Address Options
For further programmability, the TUSB1104 can be controlled using I2C. The SCL and SDA pins are used for I2C
clock and I2C data respectively.
Table 7-8. TUSB1104 I2C Target Address
SSEQ1/A1
PIN LEVEL
SSEQ0/A0
PIN LEVEL
7-bit Address
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(W/R)
0
0
44h
1
0
0
0
1
0
0
0/1
0
R
45h
1
0
0
0
1
0
1
0/1
0
F
46h
1
0
0
0
1
1
0
0/1
0
1
47h
1
0
0
0
1
1
1
0/1
R
0
20h
0
1
0
0
0
0
0
0/1
R
R
21h
0
1
0
0
0
0
1
0/1
R
F
22h
0
1
0
0
0
1
0
0/1
R
1
23h
0
1
0
0
0
1
1
0/1
F
0
10h
0
0
1
0
0
0
0
0/1
F
R
11h
0
0
1
0
0
0
1
0/1
F
F
12h
0
0
1
0
0
1
0
0/1
F
1
13h
0
0
1
0
0
1
1
0/1
1
0
Ch
0
0
0
1
1
0
0
0/1
1
R
Dh
0
0
0
1
1
0
1
0/1
1
F
Eh
0
0
0
1
1
1
0
0/1
1
1
Fh
0
0
0
1
1
1
1
0/1
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com