Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-640081070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # ATS-640081070
Description  Crimp Tool Kit for 150mm2 Compression Lugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-640081070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  ATS-640081070 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-640081070 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crimp Tool Kit for 150mm2 Compression Lugs
Doc No: ATS-640081070
Release Date: 11-03-13
UNCONTROLLED COPY
Page 1 of 2
Revision: A
Revision Date: 11-03-13
Use gauge pins or soft metal slug (solder) method to
measure the “X” dimension. Verify the tooling crimp height
calibration by referring to the Go/No Go dimensions shown
in the chart below.
CRIMP PROFILE
PIN GAUGE OR
USE SOFT METAL SLUG
METHOD
“X” (CRIMP
HEIGHT)
Modular Crimp
Tooling Kit
Compression Lug
(Tool code 22)
Application Tooling
Specification Sheet
Order No. 64008-1070
SCOPE
Tooling: The Square “DIN” style die sets are used with two machines and each machine requires an adapter for
the square “DIN” dies. The Molex UP60, order number 63801-8900 will process the square “DIN” style
die sets with the 63801-8901 adapter. The Molex 12 ton battery crimp tool, order number 63816-1000
will process the square “DIN” style die sets with the 63816-1100 adapter. Refer to the appropriate
crimper instruction manual for installation and operation information.
Products: Metric Compression Lug Terminals and Splices 150mm² (300 MCM). Refer to the Product part
number charts on this sheet for terminals with the barrel and tongue styles listed above.
TESTING
The tensile test or pull test is a means of evaluating the mechanical properties of the crimped connections.
The following chart shows the UL specifications for the equivalent AWG wire size. The tensile strength is
shown in Newtons & (pounds) and indicates the minimum acceptable force to break or separate the terminal
from the conductor.
Wire Size (mm²)
Wire Size (AWG)
Tensile (UL - 486 A)
150
300 MCM
2448 (550)
*UL - 486 A – Lugs (to AWG wire) (Copper Conductors only)
Molex does not sell gauge pins. Contact your local industrial supplier.
Tool Code
Wire Range
“X” Dimension Conductor Crimp
Mean
Go
No Go
mm²
AWG
In
mm
In
mm
In
mm
22
150
300 MCM
.717
18.20
.713
18.10
.721
18.30
The following is a Partial List of the Product Part Numbers and their specifications that this tooling is designed to
crimp. We will be adding to this list and an up to date copy is available on www.molex.com.


Similar Part No. - ATS-640081070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-640081270 MOLEX-ATS-640081270 Datasheet
110Kb / 2P
Crimp Tool kit for 150mm짼 Compression Lugs (14mm wide)
11-03-13
More results

Similar Description - ATS-640081070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080770 MOLEX-ATS-640080770 Datasheet
111Kb / 2P
Crimp Tool Kit for 70mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081270 MOLEX-ATS-640081270 Datasheet
110Kb / 2P
Crimp Tool kit for 150mm짼 Compression Lugs (14mm wide)
11-03-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com