Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5025B
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5025B Datasheet HTML 1Page - National Semiconductor (TI) LM5025B Datasheet HTML 2Page - National Semiconductor (TI) LM5025B Datasheet HTML 3Page - National Semiconductor (TI) LM5025B Datasheet HTML 4Page - National Semiconductor (TI) LM5025B Datasheet HTML 5Page - National Semiconductor (TI) LM5025B Datasheet HTML 6Page - National Semiconductor (TI) LM5025B Datasheet HTML 7Page - National Semiconductor (TI) LM5025B Datasheet HTML 8Page - National Semiconductor (TI) LM5025B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
20141116
16-Lead TSSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5025BMTC
TSSOP-16
MTC-16
92 Units per anti-static tube
LM5025BMTCX
TSSOP-16
MTC-16
2500 Units on Tape and Reel
LM5025BSD
LLP-16
SDA-16A
1000 Units on Tape and Reel
LM5025BSDX
LLP-16
SDA-16A
4500 Units on Tape and Reel
Pin Descriptions
Pin
Name
Description
Application Information
1V
IN
Source Input Voltage
Input to start-up regulator. Input range 13V to 100V,
with transient capability to 105V.
2
RAMP
Modulator ramp signal
An external RC circuit from Vin sets the ramp slope.
This pin is discharged at the conclusion of every
cycle by an internal FET, initiated by either the
internal clock or the V*Sec Clamp comparator.
3
CS1
Current sense input for cycle-by-cycle limiting If CS1 exceeds 0.25V the outputs will go into
Cycle-by-Cycle current limit. CS1 is held low for
50ns after OUT_A switches high providing leading
edge blanking.
4
CS2
Current sense input for soft restart
If CS2 exceeds 0.5V the outputs will be disabled and
a softstart commenced. The soft-start capacitor will
be fully discharged and then released with a pull-up
current of 1µA. After the first output pulse (when SS
=1V), the SS charge current will revert back to 20µA.
5
TIME
Output overlap/Deadtime control
An external resistor (R
SET) sets either the overlap
time or dead time for the active clamp output. An
R
SET resistor connected between TIME and GND
produces in-phase OUT_A and OUT_B pulses with
overlap. An R
SET resistor connected between TIME
and REF produces out-of-phase OUT_A and OUT_B
pulses with deadtime.
6
REF
Precision 5 volt reference output
Maximum output current: 10mA Locally decouple
with a 0.1µF capacitor. Reference stays low until the
V
CC UV comparator and line UVLO comparator are
satisfied.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com