Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5025B
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5025B Datasheet HTML 1Page - National Semiconductor (TI) LM5025B Datasheet HTML 2Page - National Semiconductor (TI) LM5025B Datasheet HTML 3Page - National Semiconductor (TI) LM5025B Datasheet HTML 4Page - National Semiconductor (TI) LM5025B Datasheet HTML 5Page - National Semiconductor (TI) LM5025B Datasheet HTML 6Page - National Semiconductor (TI) LM5025B Datasheet HTML 7Page - National Semiconductor (TI) LM5025B Datasheet HTML 8Page - National Semiconductor (TI) LM5025B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions (Continued)
Pin
Name
Description
Application Information
7V
CC
Output from the internal high voltage start-up
regulator. The V
CC voltage is regulated to
7.6V.
If an auxiliary winding raises the voltage on this pin
above the regulation setpoint, the internal start-up
regulator will shutdown, reducing the IC power
dissipation.
8
OUT_A
Main output driver
Output of the main switch PWM output gate driver.
Output capability of 3A peak sink current.
9
OUT_B
Active Clamp output driver
Output of the Active Clamp switch gate driver.
Capable of 1.25A peak sink current..
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground.
12
SS
Soft-start control
An external capacitor and an internal 20µA current
source set the soft-start ramp. The SS current
source is reduced to 1uA following a CS2
over-current event or an over temperature event.
13
COMP
Input to the Pulse Width Modulator
PWM duty cycle is controlled by the voltage applied
to the COMP pin. The COMP pin voltage is reduced
by a fixed 1V offset and compared with the RAMP
pin signal.
14
RT
Oscillator timing resistor pin
An external resistor connected from RT to ground
sets the internal oscillator frequency.
15
SYNC
Oscillator UP/DOWN synchronization input
The internal oscillator can be synchronized to an
external clock with a frequency 20% lower than the
internal oscillator’s free running frequency. There is
no constraint on the maximum sync frequency.
16
UVLO
Line Under-Voltage shutdown
An external voltage divider from the power source
sets the shutdown comparator levels. The
comparator threshold is 2.5V. Hysteresis is set by an
internal current source (20µA) that is switched on or
off as the UVLO pin potential crosses the 2.5V
threshold.
-
EP
Exposed PAD, underside of the LLP package
option
Internally bonded to the die substrate. Connect to
GND potential with low thermal impedance.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com