Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT4052 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4052 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT4052 Datasheet HTML 1Page - STMicroelectronics M74HCT4052 Datasheet HTML 2Page - STMicroelectronics M74HCT4052 Datasheet HTML 3Page - STMicroelectronics M74HCT4052 Datasheet HTML 4Page - STMicroelectronics M74HCT4052 Datasheet HTML 5Page - STMicroelectronics M74HCT4052 Datasheet HTML 6Page - STMicroelectronics M74HCT4052 Datasheet HTML 7Page - STMicroelectronics M74HCT4052 Datasheet HTML 8Page - STMicroelectronics M74HCT4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M74HCT4052
2/14
CONTROL INPUT EQUIVALENT CIRCUIT
I/O EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1, 5, 2, 4
0Y to 3Y
Independent Input Out-
puts
6
INH
INHIBIT Input
7VEE
Negative Supply Voltage
10, 9
A, B
Select Inputs
12, 14, 15,
11
0X to 3X
Independent Input Out-
puts
3COM Y
OUT/IN
Common X Output/Input
13
COM Y
OUT/IN
Common Y Output/Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT STATE
ON CHANNEL
INH
B
A
LLL
0X, 0Y
LL
H
1X, 1Y
LHL
2X, 2Y
LH
H
3X, 3Y
HX
X
NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com