Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT4052 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4052 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT4052 Datasheet HTML 1Page - STMicroelectronics M74HCT4052 Datasheet HTML 2Page - STMicroelectronics M74HCT4052 Datasheet HTML 3Page - STMicroelectronics M74HCT4052 Datasheet HTML 4Page - STMicroelectronics M74HCT4052 Datasheet HTML 5Page - STMicroelectronics M74HCT4052 Datasheet HTML 6Page - STMicroelectronics M74HCT4052 Datasheet HTML 7Page - STMicroelectronics M74HCT4052 Datasheet HTML 8Page - STMicroelectronics M74HCT4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M74HCT4052
5/14
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ.
Max.
Min.
Max. Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
4.5
GND
CL = 50pF
512
15
18
ns
4.5
-4.5
4
8
10
12
tPZL
tPZH
Output Enable
Time
4.5
GND
RL =1KΩ
CL = 50pF
13
45
56
68
ns
4.5
-4.5
11
34
43
51
tPLZ
tPHZ
Output Disable
Time
4.5
GND
RL =1KΩ
CL = 50pF
25
38
48
58
ns
4.5
-4.5
19
31
39
47
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ.
Max.
Min.
Max. Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CI/O
Common Terminal
Capacitance
5.0
-5.0
11
20
20
20
pF
CI/O
Switch Terminal
Capacitance
5.0
-5.0
7
15
15
15
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
0.75
2
2
2
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
GND
67
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com