Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 1008
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1008 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  1008 Datasheet HTML 1Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 2Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 3Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 4Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 5Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 6Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 7Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 8Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
3
RF Device Data
Freescale Semiconductor
R2
Figure 1. MW4IC001NR4(MR4) 900 MHz Test Circuit Schematic
Z9
0.062″ x 0.044″ to 0.615″ Taper
Z10
0.082″ x 0.615″ Microstrip
Z11
0.075″ x 0.044″ Microstrip
Z12
0.625″ x 0.044″ Microstrip
Z13
1.375″ x 0.044″ Microstrip
PCB
Rogers RO4350, 0.020″, εr = 3.5
Z1
1.331″ x 0.044″ Microstrip
Z2
0.126″ x 0.076″ Microstrip
Z3
0.065″ x 0.175″ Microstrip
Z4
0.065″ x 0.195″ Microstrip
Z5
0.680″ x 0.145″ Microstrip
Z6, Z7
1.915″ x 0.055″ Microstrip
Z8
0.120″ x 0.141″ Microstrip
RF
INPUT
Z1
VGG
Z2
Z6
C4
Z3
RF
OUTPUT
C5
DUT
VDD
Z9
Z11
Z13
Z7
Z5
C2
R1
C7
Z8
Z10
C8
+
Z12
C1
C9
L2
L1
C10
C3
C6
C11
C12
C13
Z4
Table 6. MW4IC001NR4(MR4) 900 MHz Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C6
0.1 µF, 100 V Chip Capacitors
C1210C104K5RACTR
Kemet
C2, C3, C5, C7
43 pF, 500 V Chip Capacitors
100B430JP500X
ATC
C4
12 pF, 500 V Chip Capacitor
100B120JP500X
ATC
C8
22 µF, 35 V Tantalum Chip Capacitor
T491X226K035AS
Kemet
C9
4.7 pF, 500 V Chip Capacitor
100B4R7CP500X
ATC
C10, C11
0.6-4.5 pF, 500 V Variable Capacitors
27271SL
Johanson
C12
2.7 pF, 500 V Chip Capacitor
100B2R7CP500X
ATC
C13
3.3 pF, 500 V Chip Capacitor
100B3R3CP500X
ATC
L1
5.6 nH Chip Inductor
0805 Series
AVX
L2
10 nH Chip Inductor
1008 Series
ATC
R1
100 W Chip Resistor
CRCW12061001F100
Dale
R2
20 W Chip Resistor
CRCW120620R0F100
Dale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com