Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 1008
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1008 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  1008 Datasheet HTML 1Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 2Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 3Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 4Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 5Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 6Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 7Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 8Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
1
RF Device Data
Freescale Semiconductor
RF LDMOS Wideband Integrated
Power Amplifiers
The MW4IC001 wideband integrated circuit is designed for use as a distortion
signature device in analog predistortion systems. It uses Freescale’s newest
High Voltage (26 to 28 Volts) LDMOS IC technology. Its wideband On Chip
design makes it usable from 800 MHz to 2170 MHz. The linearity performances
cover all modulations for cellular applications: GSM EDGE, TDMA, CDMA and
W-CDMA.
• Typical CW Performance at 2170 MHz, 28 Volts, IDQ = 12 mA
Output Power — 900 mW PEP
Power Gain — 13 dB
Efficiency — 38%
• High Gain, High Efficiency and High Linearity
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• N Suffix Indicates Lead-Free Terminations
• In Tape and Reel. R4 Suffix = 100 Units per 12 mm, 7 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
- 0.5, +65
Vdc
Gate-Source Voltage
VGS
- 0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
4.58
0.037
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
150
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case @ 85°C
RθJC
27.3
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
0 (Minimum)
Machine Model
M1 (Minimum)
Charge Device Model
C2 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MW4IC001MR4
Rev. 3, 1/2005
Freescale Semiconductor
Technical Data
800-2170 MHz, 900 mW, 28 V
W-CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
CASE 466-03, STYLE 1
PLD-1.5
PLASTIC
MW4IC001NR4
MW4IC001MR4
 Freescale Semiconductor, Inc., 2005. All rights reserved.


Similar Part No. - 1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008 ETC2-1008 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
PRI TRANSFORMERS Reinforced Insulation
logo
NXP Semiconductors
1008 NXP-1008 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
logo
Pulse A Technitrol Comp...
1008 PULSE-1008 Datasheet
1Mb / 5P
Wire Wound
logo
Adafruit Industries
1008 ADAFRUIT-1008 Datasheet
69Kb / 1P
Small Alligator Clip Test Lead (set of 12)
More results

Similar Description - 1008

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com