Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # K800
Description  N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K800 Datasheet(HTML) 1 Page - STMicroelectronics

  K800 Datasheet HTML 1Page - STMicroelectronics K800 Datasheet HTML 2Page - STMicroelectronics K800 Datasheet HTML 3Page - STMicroelectronics K800 Datasheet HTML 4Page - STMicroelectronics K800 Datasheet HTML 5Page - STMicroelectronics K800 Datasheet HTML 6Page - STMicroelectronics K800 Datasheet HTML 7Page - STMicroelectronics K800 Datasheet HTML 8Page - STMicroelectronics K800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2006
Rev 3
1/12
12
STK800
N-channel 30V - 0.006
Ω - 20A - PolarPAK®
STripFET™ Power MOSFET
General features
■
Ultra low top and bottom junction to case
thermal resistance
■
Very low capacitances
■
100% Rg tested
■
Fully incapsulated die
■
In compliance with the 2002/95/EC european
directive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, moreover the double sides
cooling package with ultra low junction to case
thermal resistance allows to handle higher levels
of current.
Applications
■
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
RDS(on)*Qg
PTOT
STK800
30V
<0.0078
Ω
80.4nC*m
Ω
5.2W
PolarPAK®
Bottom View
Top View
www.st.com
Order codes
Part number
Marking
Package
Packaging
STK800
K800
PolarPAK®
Tape & reel


Similar Part No. - K800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K800 STMICROELECTRONICS-K800 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
logo
Carl Kammerling Interna...
K80040 CARL-K80040 Datasheet
131Kb / 2P
Nylon Safety Hasp & Padlock
logo
List of Unclassifed Man...
K8006 ETC2-K8006 Datasheet
499Kb / 16P
BASE UNIT for HOME MODULAR LIGHT SYSTEM
More results

Similar Description - K800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
02-Feb-2006
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Nov-2002
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
19-Jun-2006
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
10-Oct-2006
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
N-channel 30V - 0.006Ω - 20A - PolarPAK® STripFET??Power MOSFET
05-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com