Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K800 Datasheet(PDF) 10 Page - STMicroelectronics

Part # K800
Description  N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K800 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button K800 Datasheet HTML 4Page - STMicroelectronics K800 Datasheet HTML 5Page - STMicroelectronics K800 Datasheet HTML 6Page - STMicroelectronics K800 Datasheet HTML 7Page - STMicroelectronics K800 Datasheet HTML 8Page - STMicroelectronics K800 Datasheet HTML 9Page - STMicroelectronics K800 Datasheet HTML 10Page - STMicroelectronics K800 Datasheet HTML 11Page - STMicroelectronics K800 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STK800
10/12
REF.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.75
0.80
0.85
0.030
0.031
0.033
A1
0.05
0.002
b1
0.48
0.58
0.68
0.019
0.023
0.027
b2
0.41
0.51
0.61
0.016
0.020
0.024
b3
2.19
2.29
2.39
0.086
0.090
0.094
b4
0.89
1.04
1.19
0.035
0.041
0.047
b5
0.23
0.33
0.43
0.009
0.013
0.017
c
0.20
0.25
0.30
0.008
0.010
0.012
D
6
6.15
6.30
0.236
0.242
0.248
D1
5.74
5.89
6.04
0.226
0.232
0.238
E
5.01
5.16
5.31
0.197
0.203
0.209
E1
4.75
4.90
5.05
0.187
0.193
0.199
H1
0.23
0.009
H2
0.45
0.56
0.020
0.022
H3
0.31
0.41
0.51
0.012
0.016
0.020
H4
0.45
0.56
0.020
0.022
K1
4.22
4.37
4.52
0.166
0.172
0.178
K4
0.24
0.009
M1
4.30
4.50
4.70
0.169
0.177
0.185
M2
3.43
3.58
3.73
0.135
0.141
0.147
M3
0.22
0.009
M4
0.05
0.002
P1
0.15
0.20
0.25
0.006
0.008
0.010
T1
3.48
3.64
4.10
0.137
0.143
0.150
T2
0.56
0.76
0.95
0.022
0.030
0.037
T3
1.20
0.051
T4
3.90
0.154
T5
0.18
0.36
0.007
0.014
<
10°
12°
10°
12°
PolarPAK® (Option “S”) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com