Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT17-075 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
102
STEPPER
DRIVES
Features
• Accepts 12 – 35 VDC power supply (including
ripple)
• Adjustable motor current: 0 to 1.0 amps/phase.
• Full or half step (jumper selectable), quarter
stepping available for OEM
• Compact size (1.0 x 2.4 x 3.55 inches)
• Mounts on DIN rail
• Optically isolated 5 – 24V step and direction in-
puts can be configured for sinking or sourcing
logic
• Automatic idle current reduction.
• Drives 4, 6 or 8 lead step motors, sizes 11 – 23
• Compatible step motors available from stock
• Lightweight, rugged molded case
• Pluggable, screw terminal connectors
• CE compliant
Description
The 1035D consists of two stepper drives that can
operate in full or half step mode. Each driver can be
individually controlled via its step and direction in-
puts. Each driver includes an automatic feature to
lower motor current anytime the motor is left at
rest for more than one-half second.
The amplifiers regulate motor current by chopping
at a constant, inaudible frequency. Phase current
for each axis is independently adjustable by front
panel potentiometers.
Recommended motors for the 1035D drive:
Size 11
Size 14
Size 17
Size 23
———— ———— ———— ————
HT11-012 5014-842
HT17-068
HT23-394
HT11-013
HT17-071
HT23-397
HT17-075
HT23-400
1035D Dual Step Drive
Full & Half Stepping
1.0 amps, 35 VDC
MECHANICAL OUTLINE
0-1A
0-1A
A+
A–
B+
B–
A+
A–
B+
B–
STEP
DIR
COM
DIR
STEP
1035D
2.40"
1.00"
2.75"
3.55"
3.90"
com
dir
step
dir
step
current setting
A+
A–
B+
B–
to
motor #2
12-35 VDC
current setting
full/half select
Amplifier
Step
Sequencer
A+
A–
B+
B–
to
motor #1
Amplifier
Step
Sequencer
Idle
Current
Reduction
Optical
Isolation
BLOCK DIAGRAM


Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results

Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
2035XD ETC2-2035XD Datasheet
190Kb / 4P
DC Dual-Axis Full/Half/Microstep Drive
logo
Applied Motion Products...
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com