Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF8XT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGF8XT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8XT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGF8XT Datasheet HTML 1Page - Vishay Siliconix UGF8XT Datasheet HTML 2Page - Vishay Siliconix UGF8XT Datasheet HTML 3Page - Vishay Siliconix UGF8XT Datasheet HTML 4Page - Vishay Siliconix UGF8XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYV29-xxx, BYV29F-xxx, BYV29B-xxx, UG8xT, UGF8xT, UGB8xT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-2019
2
Document Number: 88557
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified, available in ITO-220AC and TO-263AB package
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYV29-300,
UG8FT
BYV29-400,
UG8GT
UNIT
Maximum instantaneous forward voltage
IF = 8 A
TJ = 25 °C
VF (1)
1.25
V
TJ = 150 °C
1.03
IF = 20 A
TJ = 25 °C
1.40
Maximum DC reverse current at VRRM
TC = 25 °C
IR
10
μA
TC = 100 °C
350
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
35
ns
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 100 A/μs,
VR = 30 V, Irr = 0.1 IRM
trr
50
ns
Maximum reverse recovery current
IF = 10 A, dI/dt = 50 A/μs,
VR = 30 V, TC = 100 °C
IRM
5.5
A
Maximum recovered stored charged
IF = 2 A, dI/dt = 20 A/μs,
VR = 30 V, Irr = 0.1 IRM
Qrr
55
nC
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYV29
UG8
BYV29F
UGF8
BYV29B
UGB8
UNIT
Typical thermal resistance from junction to case
RJC
2.5
5.5
2.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
BYV29-400-E3/45
1.80
45
50/tube
Tube
ITO-220AC
BYV29F-400-E3/45
1.95
45
50/tube
Tube
D2PAK (TO-263AB)
BYV29B-400-E3/45
1.77
45
50/tube
Tube
D2PAK (TO-263AB)
BYV29B-400-E3/81
1.77
81
800/reel
Tape and reel
ITO-220AC
BYV29F-400HE3_A/P (1)
1.95
P
50/tube
Tube
D2PAK (TO-263AB)
BYV29B-400HE3_A/P (1)
1.77
P
50/tube
Tube
D2PAK (TO-263AB)
BYV29B-400HE3_A/I (1)
1.77
I
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com