Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF8XT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGF8XT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8XT Datasheet(HTML) 3 Page - Vishay Siliconix

  UGF8XT Datasheet HTML 1Page - Vishay Siliconix UGF8XT Datasheet HTML 2Page - Vishay Siliconix UGF8XT Datasheet HTML 3Page - Vishay Siliconix UGF8XT Datasheet HTML 4Page - Vishay Siliconix UGF8XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYV29-xxx, BYV29F-xxx, BYV29B-xxx, UG8xT, UGF8xT, UGB8xT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-2019
3
Document Number: 88557
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TC = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Charateristics
Fig. 5 - Reverse Switching Characteristics Per Leg
Fig. 6 - Typical Junction Capacitance
0
0
6
8
10
12
75
50
25
100
125
150
175
4
2
Case Temperature (°C)
Resistive or Inductive Load
0
25
50
75
100
125
150
1
100
10
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
10
100
1
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
20
60
40
100
80
0.01
0.1
10
1
100
1000
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0
25
50
20
40
60
80
100
120
140
160
75
100
125
Junction Temperature (°C)
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 50 A/μs
dI/dt = 20 A/μs
dI/dt = 20 A/μs
t
rr
Q
rr
0.1
10
1
100
10
1
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com